Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8580IPWR Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC8580IPWR
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT, DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8580IPWR Datasheet(HTML) 5 Page - Texas Instruments

  DAC8580IPWR Datasheet HTML 1Page - Texas Instruments DAC8580IPWR Datasheet HTML 2Page - Texas Instruments DAC8580IPWR Datasheet HTML 3Page - Texas Instruments DAC8580IPWR Datasheet HTML 4Page - Texas Instruments DAC8580IPWR Datasheet HTML 5Page - Texas Instruments DAC8580IPWR Datasheet HTML 6Page - Texas Instruments DAC8580IPWR Datasheet HTML 7Page - Texas Instruments DAC8580IPWR Datasheet HTML 8Page - Texas Instruments DAC8580IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VREF
VOUT
AVSS
AVDD
AGND
BPB
OSR2
OSR1
DGND
RSTB
MUTEB
DVDD
DGND
FSYNC
SCLK
SDIN
(TOP VIEW)
DAC8580
SLAS458B – JUNE 2005 – REVISED AUGUST 2005
TSSOP PACKAGE
TERMINAL FUNCTIONS
NO.
NAME
DESCRIPTION
1
VREF
Reference input voltage; 3 V to AVDD.
2
VOUT
DAC output voltage; output swing is ±VREF
3
AVSS
Negative analog supply voltage; tie to –5 V
4
AVDD
Positive analog supply voltage; tie to +5 V
5
AGND
Ground reference for analog circuitry of the device
6
BPB
Active-low, asynchronous digital input for filter bypass
7
OSR2
Digital input for selecting the oversampling ratio
8
OSR1
Digital input for selecting the oversampling ratio
9
DIN
Digital input, serial data
10
SCLK
Digital input, serial bit clock
11
FSYNC
Digital input. FSYNC is word clock.
12
DGND
Ground reference for digital circuitry
13
DVDD
Positive digital supply, 1.8-V to 5.5-V compatible
14
MUTEB
Digital input, actime low, for forcing the output to mid-scale.
15
RSTB
Filter reset. Active-low, asynchronous digital input for disabling all digital filter activity.
16
DGND
Must connect to digital ground reference to ensure correct operation.
5
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com