Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8580IPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC8580IPWR
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT, DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8580IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8580IPWR Datasheet HTML 5Page - Texas Instruments DAC8580IPWR Datasheet HTML 6Page - Texas Instruments DAC8580IPWR Datasheet HTML 7Page - Texas Instruments DAC8580IPWR Datasheet HTML 8Page - Texas Instruments DAC8580IPWR Datasheet HTML 9Page - Texas Instruments DAC8580IPWR Datasheet HTML 10Page - Texas Instruments DAC8580IPWR Datasheet HTML 11Page - Texas Instruments DAC8580IPWR Datasheet HTML 12Page - Texas Instruments DAC8580IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
2000000
4000000
f − Frequency − Hz
OSR = 16,
Fclk = 16 MHz,
No Analog Filter Used,
AVDD = 6 V,
AVSS = −6 V,
VREF = 5 V,
Digitizer FS = 8 MHz
−5
−2.5
0
2.5
5
0.00001
0.00002
0.00003
0.00004
0.00005
t − Time − s
OSR = 16,
Fclk = 16 MHz,
No Analog Filter Used,
AVDD = 6 V,
AVSS = −6 V,
VREF = 5 V,
Digitizer FS = 8 MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
2000000
4000000
f − Frequency − Hz
OSR = 16,
Fclk = 16 MHz,
No Analog Filter Used,
AVDD = 6 V,
AVSS = −6 V,
VREF = 5 V,
Digitizer FS = 8 MHz
−5
−2.5
0
2.5
5
0.00001
0.00002
0.00003
0.00004
0.00005
t − Time − s
OSR = 16,
Fclk = 16 MHz,
No Analog Filter Used,
AVDD = 6 V,
AVSS = −6 V,
VREF = 5 V,
Digitizer FS = 8 MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
2000000
4000000
f − Frequency − Hz
OSR = 16
Fclk = 16 MHz
No Analog Filter Used
AVDD = 6 V
AVSS = −6 V
VREF = 5 V
Digitizer Fs = 8 MHz
−5
−2.5
0
2.5
5
0.00001
0.00002
0.00003
0.00004
0.00005
t − Time − s
OSR = 16,
Fclk = 16 MHz,
No Analog Filter Used,
AVDD = 6 V,
AVSS = −6 V,
VREF = 5 V,
Digitizer FS = 8 MHz
DAC8580
SLAS458B – JUNE 2005 – REVISED AUGUST 2005
TYPICAL CHARACTERISTICS (AVDD = 5 V, AVSS = –5 V, VREF = 4.096 V, unless otherwise
noted) (continued)
SINE WAVE OUTPUT
POWER SPECTRAL DENSITY
Fo = 30 kHZ
Fo = 30 kHz
Figure 16.
Figure 17.
SINE WAVE OUTPUT
POWER SPECTRAL DENSITY
Fo = 50 kHz
Fo = 50 kHz
Figure 18.
Figure 19.
SINE WAVE OUTPUT
POWER SPECTRAL DENSITY
Fo = 100 kHz
Fo = 100 kHz
Figure 20.
Figure 21.
9
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com