Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8580IPWR Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC8580IPWR
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT, DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8580IPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8580IPWR Datasheet HTML 2Page - Texas Instruments DAC8580IPWR Datasheet HTML 3Page - Texas Instruments DAC8580IPWR Datasheet HTML 4Page - Texas Instruments DAC8580IPWR Datasheet HTML 5Page - Texas Instruments DAC8580IPWR Datasheet HTML 6Page - Texas Instruments DAC8580IPWR Datasheet HTML 7Page - Texas Instruments DAC8580IPWR Datasheet HTML 8Page - Texas Instruments DAC8580IPWR Datasheet HTML 9Page - Texas Instruments DAC8580IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
RIGHT-JUSTIFIED AUDIO TIMING DIAGRAM
VALUE of WORD−1
DAC
Updated
t HWF
t SWF
New Word
Starts
t WFUPDAC
t SCK
BIT−14,...., 1
BIT−15 (MSB)
BIT−0
SCLK
DIN
t wsck
t wsck
t hi
t su
t r
t f
BIT−0
BIT−15 (MSB)
BIT−1
BIT−14, ...., 1
WORD−0
WORD−1
WORD−2
New Word
Starts
t WFUPDAC
Temporary
Register
VALUE of WORD−0
PREVIOUS VALUE
changes immediately to new value
FSYNC
changes immediately to new value
** −− New data is transferred to DAC Latch if filter is off;
transferred to filter if filter is on.
DAC Latch or Digital filter input **
DAC Latch or Digital filter input **
TYPICAL CHARACTERISTICS (AVDD = 5 V, AVSS = –5 V, VREF = 4.096 V, unless otherwise
−20
−15
−10
−5
0
5
10
15
20
0
8192
16384
24576
32768
40960
49152
57344
65536
Input Code
−0.5
−0.25
0
0.25
0.5
0
8192
16384
24576
32768
40960
49152
57344
65536
Input Code
DAC8580
SLAS458B – JUNE 2005 – REVISED AUGUST 2005
The DAC8580 serial interface timing uses a single channel (mono) version of right-justified audio format. The
input data is latched into the device input shift register on the rising edge of SCLK, MSB first. The falling edge of
FSYNC latches the last 16 bits of received data (right-justified) from the shift register into a temporary register,
which connects to either the digital filter or the DAC latch. Data in the temporary register is transferred to the
DAC latch (when digital filter is off), or to the digital filter (when the filter is on) on the second rising SCLK edge
after the falling edge of FSYNC. For operating the digital filter, a continuous SCLK is required.
Figure 1. Timing Diagram
noted)
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs
vs
INPUT CODE
INPUT CODE
Figure 2.
Figure 3.
6
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com