Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAXUSB00 Datasheet(PDF) 29 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  MODEL PAXDP – 1/8 DIN DUAL PROCESS INPUT METER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 29 Page - Red Lion Controls. Inc

Back Button PAXUSB00 Datasheet HTML 24Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 25Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 26Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 27Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 28Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 29Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 30Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 31Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 32Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
29
29
TrOUbleshOOTing
CHECK: Active (lock-out) user input
ENTER: Security code requested (222 = universal access code)
PRESS: Reset KEY (If cannot clear contact factory.)
ERROR CODE (Err xxx or EE xxx)
CHECK: Corresponding option card installation
MODULES or PARAMETERS NOT ACCESSIBLE
INCREASE: Module 1 filtering, rounding, input range
CHECK: Wiring is per EMC installation guidelines
JITTERY DISPLAY
CHECK: Module 1 programming, Input Range Jumper position, input connections, input signal level
“ULUL” in DISPLAY (SIGNAL LOW)
CHECK: Module 1 programming, Input Range Jumper position, input connections, input signal level
“OLOL” in DISPLAY (SIGNAL HIGH)
CHECK: Module 1 programming, Input Jumper position, input connections, input signal level,
Module 4 Display Offset is zero, press DSP for Input Display
PERFORM: Module 9 Calibration (If the above does not correct the problem.)
INCORRECT INPUT DISPLAY VALUE
CHECK: Module 3 programming
DISPLAY LOCKED-OUT
PROGRAM LOCKED-OUT
CHECK: Power level, power connections, Module 3 programming
NO DISPLAY
REMEDIES
PROBLEM
For further assistance, contact technical support at the appropriate company numbers listed.

Signal
Input Parameters








INPUT VALUE 3
INPUT VALUE 5
INPUT VALUE 4
INPUT VALUE 6
DISPLAY VALUE 3
DISPLAY VALUE 5
DISPLAY VALUE 4
DISPLAY VALUE 6
 
 
 
 
 
 
 
 

DISPLAY VALUE 2
 

INPUT VALUE 2
 

DISPLAY VALUE 1
 

INPUT VALUE 1
 

SCALING POINTS
SCALING STYLE



FILTER ENABLE BAND


FILTER SETTING


DISPLAY ROUNDING
INCREMENT


DISPLAY RESOLUTION



UPDATE RANGE
INPUT RANGE


INPUT B
USER SETTING
INPUT A
USER SETTING
FACTORY
SETTING
PARAMETER
DISPLAY




















INPUT VALUE 7
DISPLAY VALUE 12
INPUT VALUE 9
DISPLAY VALUE 14
INPUT VALUE 8
DISPLAY VALUE 13
DISPLAY VALUE 11
INPUT VALUE 10
DISPLAY VALUE 15
DISPLAY VALUE 7
INPUT VALUE 13
INPUT VALUE 11
DISPLAY VALUE 9
DISPLAY VALUE 16
INPUT VALUE 15
DISPLAY VALUE 8
INPUT VALUE 14
INPUT VALUE 12
DISPLAY VALUE 10
INPUT VALUE 16
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
INPUT A
USER SETTING
FACTORY
SETTING
PARAMETER
DISPLAY
INPUT B
USER SETTING
ParameTer valUe CharT
PrOgrammer ________________ daTe ________
PaXdP mOdel nUmber ________ meTer# ___________ seCUriTy COde ________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com