Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAXUSB00 Datasheet(PDF) 25 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  MODEL PAXDP – 1/8 DIN DUAL PROCESS INPUT METER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 25 Page - Red Lion Controls. Inc

Back Button PAXUSB00 Datasheet HTML 21Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 22Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 23Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 24Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 25Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 26Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 27Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 28Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 29Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
Transmitting Data From the Meter
Data is transmitted from the meter in response to either a transmit command
(T), a print block command (P) or User Function print request. The response
from the meter is either a full field transmission or an abbreviated transmission.
See Abbreviated Printing () parameter.
Full Transmission
These characters only appear in the last line of a block print.
The first two characters transmitted (bytes 1 and 2) are the unit address. If the
address assigned is 00, two spaces are substituted. A space (byte 3) follows the
unit address field. The next three characters (bytes 4 to 6) are the register
mnemonic. The numeric data is transmitted next.
The numeric field (bytes 7 to 18) is 12 characters long. When the requested
value exceeds eight digits for count values or five digits for rate values. Byte 8
is always a space. The remaining ten positions of this field (bytes 9 to 18)
consist of a minus sign (for negative values), a floating decimal point (if
applicable), and eight positions for the requested value. The data within bytes 9
to 18 is right-aligned with leading spaces for any unfilled positions.
The end of the response string is terminated with <CR> (byte 19), and <LF>
(byte 20). When a block print is finished, an extra <SP> (byte 21), <CR> (byte
22), and <LF> (byte 23) are used to provide separation between the transmissions.
Abbreviated Transmission
These characters only appear in the last line of a block print.
The abbreviated response suppresses the address and register mnemonics,
leaving only the numeric part of the response.
Meter Response Examples:
1. Address = 17, full field response, Input A = 875
17 INA
875 <CR><LF>
2. Address = 0, full field response, Setpoint 2 = -250.5
SP2
-250.5<CR><LF>
3. Address = 0, abbreviated response, Setpoint 2 = 250, last line of block print
250<CR><LF><SP><CR><LF>
Auto/Manual Mode Register (MMR) ID: U
This register sets the controlling mode for the outputs. In Auto Mode (0) the
meter controls the setpoint and analog output. In Manual Mode (1) the outputs
are defined by the registers SOR and AOR. When transferring from auto mode
to manual mode, the meter holds the last output value (until the register is
changed by a write). Each output may be independently changed to auto or
manual. In a write command string (VU), any character besides 0 or 1 in a field
will not change the corresponding output mode.
U abcde
e = Analog Output
d = SP4
c = SP3
b = SP2
a = SP1
Example: VU00011 places SP4 and Analog in manual.
Analog Output Register (AOR) ID: W
This register stores the present signal value of the analog output. The range
of values of this register is 0 to 4095, which corresponds to the analog output
range per the following chart:
*Due to the absolute
accuracy
rating
and
resolution of the output
card, the actual output
signal may differ 0.15%
FS from the table values.
The
output
signal
corresponds to the range
selected (0-20 mA, 4-20
mA or 0-10 V).
Writing to this register (VW) while the analog output is in the Manual Mode
causes the output signal level to update immediately to the value sent. While in
the Automatic Mode, this register may be written to, but it has no effect until the
analog output is placed in the manual mode. When in the Automatic Mode, the
meter controls the analog output signal level. Reading from this register (TW)
will show the present value of the analog output signal.
Example: VW2047 will result in an output of 10.000 mA, 12.000 mA or
5.000V depending on the range selected.
Setpoint Output Register (SOR) ID: X
This register stores the states of the setpoint outputs. Reading from this
register (TX) will show the present state of all the setpoint outputs. A “0” in the
setpoint location means the output is off and a “1” means the output is on.
X abcd
d = SP4
c = SP3
b = SP2
a = SP1
In Automatic Mode, the meter controls the setpoint output state. In Manual
Mode, writing to this register (VX) will change the output state. Sending any
character besides 0 or 1 in a field or if the corresponding output was not first in
manual mode, the corresponding output value will not change. (It is not
necessary to send least significant 0s.)
Example: VX10 will result in output 1 on and output 2 off.
Byte
Description
1-12 12 byte data field, 10 bytes for number, one byte for sign, one byte
for decimal point
13
<CR> (Carriage return)
14
<LF> (Line feed)
15
<SP> (Space)
16
<CR> (Carriage return)
17
<LF> (Line feed)
<LF> (Line feed)
23
<CR> (Carriage return)
22
<SP> (Space)
21
<LF> (Line feed)
20
3 byte Register Mnemonic field
4-6
<SP> (Space)
3
12 byte numeric data field: 10 bytes for number, one byte for sign, one
byte for decimal point
7-18
2 byte Node (Meter) Address field [00-99]
1, 2
<CR> (Carriage return)
19
Description
Byte
10.000
20.000
9.9975
19.996
5.000
12.000
0.0025
4.004
0.000
4.000
0-10V
4-20 mA
20.000
4095
19.995
4094
10.000
2047
Output Signal*
Register Value
0.005
1
0.000
0
0-20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com