Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAXUSB00 Datasheet(PDF) 27 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  MODEL PAXDP – 1/8 DIN DUAL PROCESS INPUT METER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 27 Page - Red Lion Controls. Inc

Back Button PAXUSB00 Datasheet HTML 23Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 24Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 25Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 26Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 27Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 28Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 29Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 30Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 31Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
8-Out
ASIN
Analog
Type
tYPE
AN-LO
AN-HI
udt
Analog
Update Time
PAR
Analog
Assignment
Analog Low
Scale Value
Analog High
Scale Value
Pro
6.8 mOdUle 8 - analOg OUTPUT ParameTers () Ñ
PARAMETER MENU
Enter the analog output type. For 0-20 mA or 4-20 mA
use terminals 18 and 19. For 0-10 V use terminals 16 and
17. Only one range can be used at a time.




ANALOG TYPE
ANALOG ASSIGNMENT
Enter the Display Value that corresponds to 0 mA (0-20
mA) , 4 mA (4-20 mA) or 0 VDC (0-10 VDC).


ANALOG LOW SCALE VALUE




ANALOG HIGH SCALE VALUE
ANALOG UPDATE TIME

to 

to 

to 
Enter the source for the analog output to retransmit:

= Relative (net) Input Value. The Relative Input
Value is the Absolute Input Value that includes
the Display Offset Value.

= Absolute (gross) Input Value. The Absolute Input
Value is based on Module 1  and  entries.

= Calculation Value

= Totalizer Value

= Minimum Display Value

= Maximum Display Value
Enter the Display Value that corresponds to 20 mA (0-20
mA) , 20 mA (4-20 mA) or 10 VDC (0-10 VDC).
Enter the analog output update rate in seconds. A value
of 0.0 allows the meter to update the analog output at the
ADC Conversion Rate.
RANGE
0 to 20 mA
4 to 20 mA
0 to 10 V
SELECTION












Ñ
- An analog output card must be installed in order to access this
module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com