Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAXUSB00 Datasheet(PDF) 8 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  MODEL PAXDP – 1/8 DIN DUAL PROCESS INPUT METER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 8 Page - Red Lion Controls. Inc

Back Button PAXUSB00 Datasheet HTML 4Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 5Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 6Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 7Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 8Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 9Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 10Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 11Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 12Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
88
4.1 POWER WIRING
1
2
AC AC
AC Power
Terminal 1: VAC
Terminal 2: VAC
1
2
+
_
+
-
DC Power
Terminal 1: +VDC
Terminal 2: -VDC
4.2 INPUT SIGNAL WIRING
Current Signal
(self powered)
Terminal 4: -ADC
Terminal 5: +ADC
Voltage Signal
(self powered)
Terminal 4: -VDC
Terminal 5: +VDC
Current Signal (2 wire
requiring excitation)
Terminal 3: +ADC
Terminal 5: -ADC
3
4
5
-
+
10 VDC MAX.
INPUT A SIGNAL WIRING
Voltage/Current Signal (3 wire requiring excitation)
Terminal 3: +Volt supply
Terminal 4: -ADC (common)
Terminal 5: +ADC (signal)
4
5
+
-
LOAD
3
4
5
3 WIRE TRANSMITTER
I/V
COMM.
+Vs
3
4
5
2 WIRE
TRANSMITTER
+
-
Before connecting signal wires, the Input Range Jumper must be verified for proper position.
CAUTION: Sensor Input B common is NOT isolated from user input common. In order to preserve the safety of the meter application, the sensor input
common must be suitably isolated from hazardous live earth referenced voltages; or input common must be at protective earth ground potential. If not,
hazardous live voltage may be present at the User Inputs and User Input Common terminals. Appropriate considerations must then be given to the
potential of the user input common with respect to earth common; and the common of the isolated option cards with respect to input common.
Current Signal
(self powered)
Terminal 7: -ADC
Terminal 8: +ADC
Voltage Signal
(self powered)
Terminal 7: -VDC
Terminal 8: +VDC
Current Signal (2 wire
requiring excitation)
Terminal 6: +ADC
Terminal 8: -ADC
6
7
8
-
+
10 VDC MAX.
INPUT B SIGNAL WIRING
Voltage/Current Signal (3 wire requiring excitation)
Terminal 6: +Volt supply
Terminal 7: -ADC (common)
Terminal 8: +ADC (signal)
7
8
+
-
LOAD
6
7
8
3 WIRE TRANSMITTER
I/V
COMM.
+Vs
6
7
8
2 WIRE
TRANSMITTER
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com