Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAXUSB00 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  MODEL PAXDP – 1/8 DIN DUAL PROCESS INPUT METER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  PAXUSB00 Datasheet HTML 1Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 2Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 3Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 4Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 5Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 6Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 7Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 8Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
3.80
1.95
.10
4.10
(2.5)
(96.5)
(49.5)
(104.1)
1.75
(44.5)
RST
DSP
PAR F1
F2
A
C
B
1
SP
3
S
2
SPP
P4
S
8.8.8.8.8 V
(44.5)
1.75
1 2 3 4 5 6 7 8 9 10 11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
3.60 (91.4)
z
ACCEPTS TWO 4 - 20 MA OR 0 - 10 VDC INPUT SIGNALS
z
PROGRAMMABLE A/D CONVERSION RATE, 5 TO 105
READINGS PER SECOND
z
5-DIGIT 0.56" RED SUNLIGHT READABLE DISPLAY
z
VARIABLE INTENSITY DISPLAY
z
LINEARIZATION/SQUARE ROOT EXTRACTION INPUT RANGE
z
PROGRAMMABLE FUNCTION KEYS/USER INPUTS
z
9 DIGIT TOTALIZER (INTEGRATOR) WITH BATCHING
z
OPTIONAL CUSTOM UNITS OVERLAY W/BACKLIGHT
z
FOUR SETPOINT ALARM OUTPUTS (W/OPTION CARD)
z
COMMUNICATION AND BUS CAPABILITIES (W/OPTION CARD)
z
RETRANSMITTED ANALOG OUTPUT (W/OPTION CARD)
z
NEMA 4X/IP65 SEALED FRONT BEZEL
z
PC SOFTWARE AVAILABLE FOR METER CONFIGURATION
GENERAL DESCRIPTION
The PAXDP Dual Process Input Meter offers many features and performance
capabilities to suit a wide range of industrial applications. Available in two
models, AC or DC power, the meter has the capability to accept two, 4 to 20 mA
or 0 to 10 VDC input signals. Each input signal can be independently scaled and
displayed. In addition, a math function can be performed on the two signals, C +
A + B, C - A - B, C + A - B, AB / C, CA / B, or C (A / B - 1). Any of the three
meter values can have Alarms, Comms, and/or a Retransmitted Analog Output
capability by simply adding optional cards. The optional output cards allow the
opportunity to configure the meter for current applications, while providing easy
upgrades for future needs.
The update rate of the meter is user selectable. This will help in those
applications where a quick response from the meter is of the utmost importance.
The rate can be adjusted from eight selections with a minimum of 5 updates/
second to a maximum of 105 updates/second.
The meters employ a bright 0.56" (14.2 mm) red sunlight readable LED
display. The intensity of display can be adjusted from dark room applications up
to sunlight readable, making it ideal for viewing in bright light applications.
The meters provide a MAX and MIN reading memory with programmable
capture time. The capture time is used to prevent detection of false max or min
readings which may occur during start-up or unusual process events.
The signal totalizer (integrator) can be used to compute a time-input product.
This can be used to provide a readout of totalized flow, calculate service intervals
of motors or pumps, etc. The totalizer can also accumulate batch operations.
Optional digital output cards provide the meter with up to four setpoint
outputs. The cards are available as dual relay, quad relay, quad sinking
transistor, quad sourcing transistor/SSR drive, or dual triac/dual SSR drive
outputs. The setpoint alarms can be configured to suit a variety of control and
alarm requirements.
Communication and Bus Capabilities are also available as option cards. The
standard output is in Modbus Protocol. Any of the following option cards,
RS232, RS485, DeviceNet, or Profibus can be used with the meter. Readout
values and setpoint alarm values can be controlled through the bus. Additionally,
the meters have a feature that allows a remote computer to directly control the
outputs of the meter.
A linear DC output signal is available as an option card. The card provides
either 20 mA or 10 V signals. The output can be scaled independent of the input
range and can track either the input, totalizer, max/min readings, or math
calculation value.
Once the meters have been initially configured, the parameter list may be
locked out from further modification in its entirety or only the setpoint values
can be made accessible.
The meters have been specifically designed for harsh industrial environments.
With NEMA 4X/IP65 sealed bezel and extensive testing of noise effects to CE
requirements, the meter provides a tough yet reliable application solution.
SAFETY SUMMARY
All safety related regulations, local codes and instructions that appear in this
literature or on equipment must be observed to ensure personal safety and to
prevent damage to either the instrument or equipment connected to it. If
equipment is used in a manner not specified by the manufacturer, the protection
provided by the equipment may be impaired.
Do not use this unit to directly command motors, valves, or other actuators
not equipped with safeguards. To do so can be potentially harmful to persons or
equipment in the event of a fault to the unit.
MODEL PAXDP – 1/8 DIN DUAL PROCESS INPUT METER
DIMENSIONS In inches (mm)
Note: Recommended minimum clearance (behind the panel) for mounting clip installation is
2.1" (53.4) H x 5.0" (127) W.
Bulletin No. PAXDP-L
Drawing No. LP0578
Released 08/15
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net
CAUTION: Risk of Danger.
Read complete instructions prior to
installation and operation of the unit.
CAUTION: Risk of electric shock.
C
US LISTED
UL
R
51EB
IND. CONT. EQ.


Similar Part No. - PAXUSB00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAXUSB00 ETC2-PAXUSB00 Datasheet
293Kb / 2P
MODEL PAXUSB - USB PROGRAMMING OPTION CARD
logo
Red Lion Controls. Inc
PAXUSB00 REDLION-PAXUSB00 Datasheet
3Mb / 36P
1/8 DIN ANALOG INPUT PANEL METERS
02/13
PAXUSB00 REDLION-PAXUSB00 Datasheet
1Mb / 32P
1/8 DIN DIGITAL INPUT PANEL METERS
10/14
PAXUSB00 REDLION-PAXUSB00 Datasheet
2Mb / 32P
1/8 DIN DIGITAL INPUT PANEL METERS
10/12
PAXUSB00 REDLION-PAXUSB00 Datasheet
2Mb / 36P
1/8 DIN ANALOG INPUT PANEL METERS
01/15
More results

Similar Description - PAXUSB00

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
1/16 DIN Process Controller
96VTR EXTECH-96VTR Datasheet
273Kb / 15P
1/4 DIN Process Controller
logo
Omron Electronics LLC
K3GN OMRON-K3GN Datasheet
901Kb / 22P
1/32 DIN Digital Panel Meter
logo
List of Unclassifed Man...
205-P ETC2-205-P Datasheet
714Kb / 2P
3 1/2 DIGIT MINI-SIZE PROCESS METER
logo
Red Lion Controls. Inc
P4810000 REDLION-P4810000 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
T481010A REDLION-T481010A Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4810117 REDLION-T4810117 Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
logo
Amphenol Wilcoxon Sensi...
PCD200 WILCOXON-PCD200 Datasheet
692Kb / 4P
Dual-input process meters
Rev.A 08/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com