Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP.A Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS5500MPAPREP.A
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPREP.A Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5500MPAPREP.A Datasheet HTML 11Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 12Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 13Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 14Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 15Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 16Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 17Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 18Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
15
TYPICAL CHARACTERISTICS
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 125 MSPS, and DLL On (unless
otherwise noted)
SPECTRAL PERFORMANCE
(FFT for 2MHz Input Signal)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
Frequency (MHz)
0
10
2030
4050
60
SFDR = 84.0dBc
SNR = 71.2dBFS
THD = 84.0dBc
SINAD = 71.0dBFS
SPECTRAL PERFORMANCE
(FFT for 15MHz Input Signal)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
Frequency (MHz)
0
10
2030
4050
60
SFDR = 84.8dBc
SNR = 71.5dBFS
THD = 83.2dBc
SINAD = 71.2dBFS
SPECTRAL PERFORMANCE
(FFT for 60MHz Input Signal)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
Frequency (MHz)
0
10
2030
4050
60
SFDR = 81.0dBc
SNR = 71.2dBFS
THD = 80.2dBc
SINAD = 70.7dBFS
SPECTRAL PERFORMANCE
(FFT for 70MHz Input Signal)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
Frequency (MHz)
0
10
2030
4050
60
SFDR = 85.1dBc
SNR = 71.4dBFS
THD = 83.6dBc
SINAD = 71.1dBFS
SPECTRAL PERFORMANCE
(FFT for 80MHz Input Signal)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
Frequency (MHz)
0
10
2030
4050
60
SFDR = 84.4dBc
SNR = 71.2dBFS
THD = 81.3dBc
SINAD = 70.9dBFS
SPECTRAL PERFORMANCE
(FFT for 100MHz Input Signal)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
Frequency (MHz)
0
10
2030
4050
60
SFDR = 84.3dBc
SNR = 71.1dBFS
THD = 81.6dBc
SINAD = 70.7dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com