Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP.A Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS5500MPAPREP.A
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPREP.A Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5500MPAPREP.A Datasheet HTML 13Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 14Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 15Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 16Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 17Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 18Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 19Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 20Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
17
TYPICAL CHARACTERISTICS (continued)
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 125 MSPS, and DLL On (unless
otherwise noted)
DIFFERENTIAL NONLINEARITY (DNL)
1.50
1.25
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
-1.25
-1.50
Code
f
S = 125MSPS
f
IN =10MHz
A
IN = -0.5dBFS
INTEGRAL NONLINEARITY (INL)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
Code
f
S = 125MSPS
f
IN = 10MHz
A
IN = - 0.5dBFS
SPURIOUS−FREE DYNAMIC RANGE vs
INPUT FREQUENCY
90
85
80
75
70
65
60
55
50
Input Frequency (MHz)
0
50
100
150
200
250
300
f
S = 125MSPS
DLL On
SIGNAL−TO−NOISE RATIO vs INPUT FREQUENCY
76
74
72
70
68
66
64
62
60
Input Frequency (MHz)
0
50
100
150
200
250
300
f
S = 125MSPS
DLL On
AC PERFORMANCE vs ANALOG SUPPLY VOLTAGE
90
85
80
75
70
65
60
AV
DD (V)
3.0
3.1
3.2
3.3
3.4
3.5
3.6
f
S =125MSPS
f
IN = 150MHz
DRV
DD =3.3V
SNR
SFDR
AC PERFORMANCE vs ANALOG SUPPLY VOLTAGE
90
85
80
75
70
65
60
AV
DD (V)
3.0
3.1
3.2
3.3
3.4
3.5
3.6
f
S =125MSPS
f
IN =70MHz
DRV
DD =3.3V
SNR
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com