Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP.A Datasheet(PDF) 23 Page - Texas Instruments

Part # ADS5500MPAPREP.A
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPREP.A Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5500MPAPREP.A Datasheet HTML 19Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 20Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 21Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 22Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 23Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 24Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 25Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 26Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
23
TYPICAL CHARACTERISTICS (continued)
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 125 MSPS, and DLL On (unless
otherwise noted)
THIRDHARMONIC(HD3) WITHDLL ON
65
70
75
80
85
90
50
0
100
150
200
250
300
40
50
60
70
80
90
100
110
120
130
140
150
83
83
83
83
83
80
86
86
86
86
86
86
86
86
86
86
86
80
80
83
83
77
77
77
77
89
89
89
89
89
92
92
68
71
71
74
74
Input Frequency (MHz)
89
70
75
80
85
90
50
0
100
150
200
250
300
10
20
30
40
50
60
70
80
THIRD HARMONIC (HD3) WITH DLL OFF
Input Frequency (MHz)
81
81
81
81
84
84
84
84
84
87
87
87
87
87
87
90
90
90
84
84
72
72
72
72
75
75
75
78
78
78
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com