Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP.A Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS5500MPAPREP.A
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPREP.A Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5500MPAPREP.A Datasheet HTML 20Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 21Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 22Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 23Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 24Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 25Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 26Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 27Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
24
APPLICATION INFORMATION
THEORY OF OPERATION
The ADS5500 is a low-power, 14-bit, 125−MSPS,
CMOS,
switched−capacitor,
pipeline
ADC
that
operates from a single 3.3-V supply. The conversion
process is initiated by a falling edge of the external input
clock. Once the signal is captured by the input S&H, the
input sample is sequentially converted by a series of
small resolution stages, with the outputs combined in a
digital correction logic block. Both the rising and the
falling clock edges are used to propagate the sample
through the pipeline every half clock cycle. This process
results in a data latency of 16.5 clock cycles, after which
the output data is available as a 14-bit parallel word,
coded in either straight offset binary or binary
twos−complement format.
INPUT CONFIGURATION
The analog input for the ADS5500 consists of a
differential architecture implemented using a switched
capacitor technique, shown in Figure 5.
R
3
R
1a
L
1
L
1,L2 : 6nh to 10nh effective
R
1a,R1b :25W to 35W
C
1a,C1b : 2.2pF to 2.6pF
CP
1,CP2 : 2.5pF to 3.5pF
CP
3,CP4,: 1.2pF to 1.8pF
C
ACROSS :0.8pF to 1.2pF
R
3 :80W to 120W
Switches:
All switches are on in sample phase.
Approximately half of every clock period is a sample phase.
W
1a,W1b : On Resistance: 25W to 35W
W
2 : On Resistance: 7.5W to 15W
W
3a,W3b : On Resistance: 40W to 60W
W
1a,W1b,W2,W3a,W3b : Off Resistance: 1e10
W
1a
W
2
W
1b
L
2
R
1b
C
1a
C
1b
C
ACROSS
SAMPLE
PHASE
SAMPLE
PHASE
SWITCH
SAMPLE
PHASE
CP
1
CP
3
VINCM
1V
CP
4
W
3a
SAMPLE
PHASE
CP
2
W
3a
SAMPLE
PHASE
INP
INM
Figure 5. Analog Input Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com