Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP.A Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5500MPAPREP.A
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPREP.A Datasheet(HTML) 5 Page - Texas Instruments

  ADS5500MPAPREP.A Datasheet HTML 1Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 2Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 3Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 4Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 5Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 6Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 7Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 8Page - Texas Instruments ADS5500MPAPREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
5
ELECTRICAL CHARACTERISTICS
Typ, min, and max values at TA = 25°C, full temperature range is TMIN = −55°C to TMAX = 125°C, sampling rate = 125 MSPS, 50% clock duty
cycle, AVDD = DRVDD = 3.3 V, DLL On, −1−dBFS differential input, and 3-VPP differential clock (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
14 Tested
Bits
Analog Inputs
Differential input range
2.3
VPP
Differential input impedance
See Figure 5
6.6
k
Ω
Differential input capacitance
See Figure 5
4
pF
Total analog input common-mode current
4(1)
mA
Analog input bandwidth
Source impedance = 50
Ω
750
MHz
Conversion Characteristics
Maximum sample rate
See note (2)
125
MSPS
Data latency
See timing diagram, See Figure 2
16.5
Clock Cycles
Internal Reference Voltages
Reference bottom voltage, VREFM
0.97
V
Reference top voltage, VREFP
2.11
V
Reference error
Room temp
−4%
4%
Reference error
Full temp range
−5%
5%
Common-mode voltage output, VCM
1.55
±0.05
V
Dynamic DC Characteristics and Accuracy
No missing codes
Tested
Differential linearity error, DNL
fIN = 10 MHz
−0.9
±0.75
1.1
LSB
Integral linearity error, INL
fIN = 10 MHz
Room temp
−5
5
LSB
Integral linearity error, INL
fIN = 10 MHz
Full temp range
−8
8
LSB
Offset error
±1.5
mV
Offset temperature coefficient
0.0007
%/
°C
Gain error
±0.45
%FS
Gain temperature coefficient
0.01
∆%/°C
Dynamic AC Characteristics
fIN = 10 MHz
Room temp
70.5
71.5
fIN = 10 MHz
Full temp range
68
71.5
fIN = 30 MHz
71.5
fIN = 55 MHz
71.5
Signal-to-noise ratio (SNR)
fIN = 70 MHz
Room temp
70
71.2
dBFS
Signal-to-noise ratio (SNR)
fIN = 70 MHz
Full temp range
66.5
71
dBFS
fIN = 100 MHz
70.5
fIN = 150 MHz
70.1
fIN = 225 MHz
69.1
RMS output noise
Input tied to common-mode
1.1
LSB
fIN = 10 MHz
Room temp
82
84
fIN = 10 MHz
Full temp range
76
84
fIN = 30 MHz
84
fIN = 55 MHz
79
Spurious-free dynamic range (SFDR)
fIN = 70 MHz
Room temp
80
83
dBc
Spurious-free dynamic range (SFDR)
fIN = 70 MHz
Full temp range
75
82
dBc
fIN = 100 MHz
82
fIN = 150 MHz
78
fIN = 225 MHz
74
(1) 2-mA per input
(2) See Recommended Operating Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com