Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2000 Datasheet(PDF) 24 Page - Texas Instruments

Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2000 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 20Page - Texas Instruments DLP2000 Datasheet HTML 21Page - Texas Instruments DLP2000 Datasheet HTML 22Page - Texas Instruments DLP2000 Datasheet HTML 23Page - Texas Instruments DLP2000 Datasheet HTML 24Page - Texas Instruments DLP2000 Datasheet HTML 25Page - Texas Instruments DLP2000 Datasheet HTML 26Page - Texas Instruments DLP2000 Datasheet HTML 27Page - Texas Instruments DLP2000 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
provides the needed analog functions for the projector, and the DLP2000 DMD is the display device producing
the projected image.
In addition to the three DLP chips in the chipset, other chips may be needed. This includes a Flash part needed
to store the software and firmware for controlling the DLPC2607 controller.
The illumination that is applied to the DMD is typically from red, green, and blue LEDs. These are often
contained in three separate packages, but sometimes more than one color of LED die may be in the same
package to reduce the overall size of the pico-projector.
When connecting the DLPC2607 controller to the multimedia front end to receive images, a parallel interface
is used. When using the parallel interface, the I2C should be connected to the multimedia front end to send
commands to the DLPC2607 controller and configure the DLPC2607 controller for different features.
8.2.2 Detailed Design Procedure
To connect the DLPC2607 controller, the DLPA1000, and the DLP2000 DMD, see the reference design
schematic. A small circuit board layout is possible when using this schematic. An example small board layout is
included in the reference design data base. Layout guidelines should be followed to achieve a reliable projector.
An optical OEM who specializes in designing optics for DLP projectors typically supplies the optical engine that
has the LED packages and the DMD mounted on it.
8.2.3 Application Curve
As the LED currents that are driven time-sequentially through the red, green, and blue LEDs are increased,
the brightness of the projector increases. This increase is somewhat non-linear, and the curve for typical white
screen lumens changes with LED currents is as shown in Figure 8-1. For the LED currents shown, it is assumed
that the same current amplitude is applied to the red, green, and blue LEDs.
Current (mA)
0
100
200
300
400
500
600
700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D001
Figure 8-1. Luminance vs Current
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DLP2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com