Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2000 Datasheet(PDF) 8 Page - Texas Instruments

Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 4Page - Texas Instruments DLP2000 Datasheet HTML 5Page - Texas Instruments DLP2000 Datasheet HTML 6Page - Texas Instruments DLP2000 Datasheet HTML 7Page - Texas Instruments DLP2000 Datasheet HTML 8Page - Texas Instruments DLP2000 Datasheet HTML 9Page - Texas Instruments DLP2000 Datasheet HTML 10Page - Texas Instruments DLP2000 Datasheet HTML 11Page - Texas Instruments DLP2000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Micromirror Landed Duty Cycle
0/100 5/95 10/90 15/85 20/80 25/75 30/70 35/65 40/60 45/55
30
40
50
60
70
80
D001
50/50
100/0
95/5
90/10
85/15
80/20
75/25
70/30
65/35
60/40
55/45
Figure 6-1. Max Recommended Array Temperature—Derating Curve
6.5 Thermal Information
THERMAL METRIC(1)
DLP2000
UNIT
FQC (LGA)
42 PINS
Thermal resistance active area to test point 1 (TP1) (1)
8
°C/W
(1)
The DMD is designed to conduct absorbed and dissipated heat to the back of the package. The cooling system must be capable of
maintaining the package within the temperature range specified in Section 6.4. The total heat load on the DMD is largely driven by
the incident light absorbed by the active area; although other contributions include light energy absorbed by the window aperture and
electrical power dissipation of the array. Optical systems should be designed to minimize the light energy falling outside the window
aperture since any additional thermal load in this area can significantly degrade the reliability of the device.
6.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
VCC = 1.65 V
IOH = –2 mA
1.20
V
VOL
Low level output voltage
VCC = 1.95 V
IOL = –2 mA
0.45
V
IIL
Low level input current(1) (2)
VCC = 1.95 V
VI = 0 V
52
nA
IIH
High level input current(1) (2)
VCC = 1.95 V
VI = 1.95 V
41
nA
CURRENT
ICC
Current at VCC = 1.95 V
DCLK Frequency = 77 MHz
30
mA
IOFFSET
Current at VOFFSET = 8.75 V(3)
1.5
mA
IBIAS
Current at VBIAS = 16.5 V(3) (4) Three global resets within time period = 200 µs
1.3
mA
IRESET
Current at VRESET = –10.5 V
Three global resets within time period = 200 µs
1.2
mA
POWER
PCC
Power at VCC = 1.95 V(5)
DCLK Frequency = 77 MHz
26
59
mW
POFFSET
Power at VOFFSET = 8.75 V(5)
5
13
mW
PBIAS
Power at VBIAS = 16.5 V(5)
Three global resets within time period = 200 µs
9
22
mW
PRESET
Power at VRESET = –10.5 V(5)
Three global resets within time period = 200 µs
4
13
mW
PTOTAL
Supply power dissipation total
44
107
mW
CAPACITANCE
CIN
Input capacitance
f = 1 MHz
10
pF
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DLP2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com