Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2000 Datasheet(PDF) 11 Page - Texas Instruments

Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2000 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 7Page - Texas Instruments DLP2000 Datasheet HTML 8Page - Texas Instruments DLP2000 Datasheet HTML 9Page - Texas Instruments DLP2000 Datasheet HTML 10Page - Texas Instruments DLP2000 Datasheet HTML 11Page - Texas Instruments DLP2000 Datasheet HTML 12Page - Texas Instruments DLP2000 Datasheet HTML 13Page - Texas Instruments DLP2000 Datasheet HTML 14Page - Texas Instruments DLP2000 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
VSS
VCC
20%
80%
tR
tF
DCLK, SCTRL, LOADB, DATA(11:0)
Figure 6-4. Rise and Fall Timing Parameters 1
VSS
20%
80%
VCC
tR
tF
SAC_CLK, SAC_BUS, DRC_BUS
Not To Scale
Figure 6-5. Rise and Fall Timing Parameters 2
CLOAD
Tester Channel
Output Under Test
Device Pin
Figure 6-6. Test Load Circuit
See Section 7.3.4 for more information.
6.8 System Mounting Interface Loads
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Maximum system mounting interface
load to be applied to the:
Connector area (See Figure 6-7.)
45
N
DMD mounting area uniformly distributed over 4 areas (See
Figure 6-7.)
100
N
www.ti.com
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DLP2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com