Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2000 Datasheet(PDF) 14 Page - Texas Instruments

Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2000 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 10Page - Texas Instruments DLP2000 Datasheet HTML 11Page - Texas Instruments DLP2000 Datasheet HTML 12Page - Texas Instruments DLP2000 Datasheet HTML 13Page - Texas Instruments DLP2000 Datasheet HTML 14Page - Texas Instruments DLP2000 Datasheet HTML 15Page - Texas Instruments DLP2000 Datasheet HTML 16Page - Texas Instruments DLP2000 Datasheet HTML 17Page - Texas Instruments DLP2000 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
6.10 Micromirror Array Optical Characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Micromirror tilt—half angle, variation device to device (1)
11
12
13
°
Axis of rotation with respect to system datums, variation
device to device(2)
44
45
46
°
Image performance(3)
Bright pixel(s) in active area(4)
Gray 10 screen(5)
0
micromirrors
Bright pixel(s) in the POM(6)
Gray 10 screen(5)
1
Dark pixel(s) in the active area(7)
White screen
4
Adjacent pixel(s)(8)
Any screen
0
Unstable pixel(s) in active area(9)
Any screen
0
(1)
Limits on variability of micromirror tilt half angle are critical in the design of the accompanying optical system. Variations in tilt angle
within a device may result in apparent non-uniformities, such as line pairing and image mottling, across the projected image. Variations
in the average tilt angle between devices may result in colorimetry and system contrast variations. The specified limits represent the
tolerances of the tilt angles within a device.
(2)
See Figure 6-9.
(3)
Conditions of acceptance: All DMD image quality returns are evaluated using the following projected image test conditions:
Test set degamma should be linear.
Test set brightness and contrast should be set to nominal.
The diagonal size of the projected image should be a minimum of 20 inches.
The projections screen should be 1X gain.
The projected image should be inspected from a 38-inch minimum viewing distance.
The image should be in focus during all image quality tests.
(4)
Bright pixel definition: A single pixel or mirror that is stuck in the ON position and is visibly brighter than the surrounding pixels
(5)
Gray 10 screen definition: All areas of the screen are colored with the following settings:
Red = 10/255
Green = 10/255
Blue = 10/255
(6)
POM definition: Rectangular border of off-state mirrors surrounding the active area
(7)
Dark pixel definition: A single pixel or mirror that is stuck in the OFF position and is visibly darker than the surrounding pixels
(8)
Adjacent pixel definition: Two or more stuck pixels sharing a common border or common point, also referred to as a cluster
(9)
Unstable pixel definition: A single pixel or mirror that does not operate in sequence with parameters loaded into memory. The unstable
pixel appears to be flickering asynchronously with the image.
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DLP2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com