Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2000 Datasheet(PDF) 3 Page - Texas Instruments

Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2000 Datasheet(HTML) 3 Page - Texas Instruments

  DLP2000 Datasheet HTML 1Page - Texas Instruments DLP2000 Datasheet HTML 2Page - Texas Instruments DLP2000 Datasheet HTML 3Page - Texas Instruments DLP2000 Datasheet HTML 4Page - Texas Instruments DLP2000 Datasheet HTML 5Page - Texas Instruments DLP2000 Datasheet HTML 6Page - Texas Instruments DLP2000 Datasheet HTML 7Page - Texas Instruments DLP2000 Datasheet HTML 8Page - Texas Instruments DLP2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
5 Pin Configuration and Functions
1
2
3
4
6
K
J
1
5
10
15
20
21
7
5
13
11
9
A
H
G
F
E
D
C
B
23
21
19
17
15
38
41
39
37
35
33
31
29
27
25
Figure 5-1. FQC Package 42-Pin LGA Bottom View
Table 5-1. Pin Functions
PIN
TYPE
SIGNAL
DATA
RATE
DESCRIPTION
PACKAGE NET
LENGTH (mm)
NAME
NO.
DATA INPUTS
DATA(0)
J13
Input
LVCMOS
DDR
Input data bus
8.83
DATA(1)
J2
Input
LVCMOS
DDR
Input data bus
7.53
DATA(2)
J4
Input
LVCMOS
DDR
Input data bus
6.96
DATA(3)
J6
Input
LVCMOS
DDR
Input data bus
7.05
DATA(4)
J7
Input
LVCMOS
DDR
Input data bus
7.56
DATA(5)
J8
Input
LVCMOS
DDR
Input data bus
7.07
DATA(6)
J12
Input
LVCMOS
DDR
Input data bus
7.61
DATA(7)
J10
Input
LVCMOS
DDR
Input data bus
7.68
DATA(8)
K4
Input
LVCMOS
DDR
Input data bus
7.31
DATA(9)
K2
Input
LVCMOS
DDR
Input data bus
6.76
DATA(10)
K7
Input
LVCMOS
DDR
Input data bus
8.18
DATA(11)
K6
Input
LVCMOS
DDR
Input data bus
7.81
DCLK
K9
Input
LVCMOS
Input data clock
7.78
CONTROL INPUTS
LOADB
K10
Input
LVCMOS
DDR
Parallel latch load enable
7.64
www.ti.com
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DLP2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com