Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710LCFQL.B Datasheet(PDF) 21 Page - Texas Instruments

Part # DLP4710LCFQL.B
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 17Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 18Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 19Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 20Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 21Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 22Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 23Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 24Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
6.11 Micromirror Array Optical Characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Micromirror tilt angle
DMD landed state(1)
17
degree
Micromirror tilt angle tolerance(2) (3) (4) (5)
–1.4
1.4
degree
Micromirror tilt direction (6) (7)
Landed ON state
180
degree
Landed OFF state
270
Micromirror crossover time(8)
Typical performance
1
3
µs
Micromirror switching time(9)
Typical performance
10
Image
performance(10)
Bright pixel(s) in active area
(11)
Gray 10 Screen (12)
0
micromirrors
Bright pixel(s) in the POM (13) Gray 10 Screen (12)
1
Dark pixel(s) in the active
area (14)
White Screen
4
Adjacent pixel(s) (15)
Any Screen
0
Unstable pixel(s) in active
area (16)
Any Screen
0
(1)
Measured relative to the plane formed by the overall micromirror array.
(2)
Additional variation exists between the micromirror array and the package datums.
(3)
Represents the landed tilt angle variation relative to the nominal landed tilt angle.
(4)
Represents the variation that can occur between any two individual micromirrors, located on the same device or located on different
devices.
(5)
For some applications, it is critical to account for the micromirror tilt angle variation in the overall system optical design. With some
system optical designs, the micromirror tilt angle variation within a device may result in perceivable non-uniformities in the light field
reflected from the micromirror array. With some system optical designs, the micromirror tilt angle variation between devices may result
in colorimetry variations, system efficiency variations, or system contrast variations.
(6)
When the micromirror array is landed (not parked), the tilt direction of each individual micromirror is dictated by the binary contents of
the CMOS memory cell associated with each individual micromirror. A binary value of 1 results in a micromirror landing in the ON state
direction. A binary value of 0 results in a micromirror landing in the OFF state direction. See Figure 6-18.
(7)
Micromirror tilt direction is measured as in a typical polar coordinate system: Measuring counter-clockwise from a 0° reference which is
aligned with the +X Cartesian axis.
(8)
The time required for a micromirror to nominally transition from one landed state to the opposite landed state.
(9)
The minimum time between successive transitions of a micromirror.
(10) Conditions of Acceptance: All DMD image quality returns will be evaluated using the following projected image test conditions:
Test set degamma shall be linear
Test set brightness and contrast shall be set to nominal
The diagonal size of the projected image shall be a minimum of 20 inches
The projections screen shall be 1X gain
The projected image shall be inspected from a 38 inch minimum viewing distance
The image shall be in focus during all image quality tests
(11) Bright pixel definition: A single pixel or mirror that is stuck in the ON position and is visibly brighter than the surrounding pixels
(12) Gray 10 screen definition: All areas of the screen are colored with the following settings:
Red = 10/255
Green = 10/255
Blue = 10/255
(13) POM definition: Rectangular border of off-state mirrors surrounding the active area
(14) Dark pixel definition: A single pixel or mirror that is stuck in the OFF position and is visibly darker than the surrounding pixels
(15) Adjacent pixel definition: Two or more stuck pixels sharing a common border or common point, also referred to as a cluster
(16) Unstable pixel definition: A single pixel or mirror that does not operate in sequence with parameters loaded into memory. The unstable
pixel appears to be flickering asynchronously with the image
www.ti.com
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com