Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710LCFQL.B Datasheet(PDF) 1 Page - Texas Instruments

Part # DLP4710LCFQL.B
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B Datasheet(HTML) 1 Page - Texas Instruments

  DLP4710LCFQL.B Datasheet HTML 1Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 2Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 3Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 4Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 5Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 6Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 7Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 8Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
DLP4710LC 0.47 1080p Digital Micromirror Device
1 Features
• 0.47-Inch (11.93-mm) diagonal micromirror array
– 1920 × 1080 array of aluminum micrometer-
sized mirrors, in an orthogonal layout
– Micromirror pitch: 5.4 μm
– Micromirror tilt (relative to flat surface): ±17°
– Bottom illumination for optimal efficiency and
optical engine size
– Polarization independent aluminum micromirror
surface
• 32-Bit SubLVDS input data bus
• Dedicated DLP3479 display and light controller
• Dedicated DLPA3000 or DLPA3005 PMIC/LED
drivers for reliable operation
2 Applications
• 3D depth capture: 3D camera, 3D reconstruction,
dental scanner
• 3D machine vision: robotics, metrology, automated
in-line inspection (AOI)
• 3D biometrics: facial and finger print recognition
• Integrated Display and 3D depth capture:
projection mapping, smart lighting, AR Projection
• Light exposure: programmable spatial and
temporal light exposure
3 Description
The DLP4710LC digital micromirror device (DMD)
is a digitally controlled micro-opto-electromechanical
system (MOEMS) spatial light modulator (SLM).
When coupled to an appropriate optical system, the
DLP4710LC DMD displays a very crisp and high
quality image or video. The device is a component
of the chipset comprising the DLP4710LC DMD,
DLPC3479
controller
and
DLPA3000/DLPA3005
PMIC/LED drivers. The compact physical size of
the DLP4710LC coupled with the controller and the
PMIC/LED driver provides a complete system solution
that enables small form factor, low power, and high
resolution HD displays.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
DLP4710LC
FQL (100)
24.50-mm × 11-mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
DLP DMD
Digital
Micromirror
Device
D_BP(0:7)
LS_RDATA_B
DCLK_BP
D_AP(0:7)
D_AN(0:7)
DCLK_AP
DCLK_AN
DMD_DEN_ARSTZ
LS_WDATA
LS_CLK
LS_RDATA
VDDI
VDD
VSS
(System signal routing omitted for clarity)
D_BP(0:7)
DCLK_BN
DLP
Pico Processor
120 MHz
SDR
Interface
600 MHz
SubLVDS
DDR
Interface
Master
DLP
Pico Processor
120 MHz
SDR
Interface
600 MHz
SubLVDS
DDR
Interface
Slave
DLP Pico Analog Device
VOFFSET
VBIAS
VRESET
0.47 1080p Chipset
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DLP4710LCFQL.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP4710LCFQL TI1-DLP4710LCFQL Datasheet
760Kb / 44P
DLP4710LC 0.47 1080p DMD
More results

Similar Description - DLP4710LCFQL.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC910 TI1-DLPC910 Datasheet
2Mb / 50P
Digital Controller for the DLP9000XFLS Digital Micromirror Device
DLP4710 TI1-DLP4710_16 Datasheet
846Kb / 39P
0.47 1080p DMD
DLP470NE TI1-DLP470NE Datasheet
469Kb / 42P
0.47 1080P DMD
DLP4710 TI1-DLP4710_18 Datasheet
792Kb / 43P
0.47 1080p DMD
DLP470NE TI1-DLP470NE_19 Datasheet
763Kb / 46P
0.47 1080P DMD
DLP4710LC TI1-DLP4710LC Datasheet
760Kb / 44P
DLP4710LC 0.47 1080p DMD
DLP4620S-Q1 TI-DLP4620S-Q1 Datasheet
1Mb / 36P
DLP4620S-Q1 0.46-Inch 0.9-Megapixel Digital Micromirror Device for Automotive Interior Display
DECEMBER 2022
DLP550HE TI-DLP550HE Datasheet
1Mb / 44P
DLP550HE 0.55 SVGA Digital Micromirror Device
APRIL 2023
DLP230NP TI-DLP230NP_V01 Datasheet
2Mb / 43P
DLP230NP and DLP230NPSE .23 1080P Digital Micromirror Devices
REVISED APRIL 2023
DLP651LE TI-DLP651LE Datasheet
1Mb / 41P
DLP651LE 0.65 WXGA Digital Micromirror Device
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com