Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710LCFQL.B Datasheet(PDF) 13 Page - Texas Instruments

Part # DLP4710LCFQL.B
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 9Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 10Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 11Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 12Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 13Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 14Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 15Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 16Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
6.6 Electrical Characteristics (continued)
Over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
VOL
DC output low voltage
IOL = 2 mA
0.2 × VDD
V
CAPACITANCE
CIN
Input capacitance LPSDR
ƒ = 1 MHz
10
pF
Input capacitance SubLVDS
ƒ = 1 MHz
20
pF
COUT
Output capacitance
ƒ = 1 MHz
10
pF
CRESET
Reset group capacitance
ƒ = 1 MHz; (1080 × 240)
micromirrors
400
450
pF
(1)
Device electrical characteristics are over unless otherwise noted.
(2)
All voltage values are with respect to the ground pins (VSS).
(3)
To prevent excess current, the supply voltage delta |VDDI – VDD| must be less than specified limit.
(4)
Supply power dissipation based on non–compressed commands and data.
(5)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than specified limit.
(6)
Supply power dissipation based on 3 global resets in 200 µs.
(7)
The following power supplies are all required to operate the DMD: VDD, VDDI, VOFFSET, VBIAS, VRESET. All VSS connections are
also required.
(8)
LPSDR specifications are for pins LS_CLK and LS_WDATA.
(9)
Low-speed interface is LPSDR and adheres to the Electrical Characteristics and AC/DC Operating Conditions table in JEDEC
Standard No. 209B, Low-Power Double Data Rate (LPDDR) JESD209B.
(10) LPSDR specification is for pin LS_RDATA.
6.7 Timing Requirements
Device electrical characteristics are over unless otherwise noted.
MIN
NOM
MAX
UNIT
LPSDR
tr
Rise slew rate(1)
(30% to 80%) × VDD, Figure 6-3
1
3
V/ns
tƒ
Fall slew rate(1)
(70% to 20%) × VDD, Figure 6-3
1
3
V/ns
tr
Rise slew rate(2)
(20% to 80%) × VDD, Figure 6-4
0.25
V/ns
tƒ
Fall slew rate(2)
(80% to 20%) × VDD, Figure 6-4
0.25
V/ns
tc
Cycle time LS_CLK,
Figure 6-2
7.7
8.3
ns
tW(H)
Pulse duration LS_CLK high
50% to 50% reference points, Figure
6-2
3.1
ns
tW(L)
Pulse duration LS_CLK low
50% to 50% reference points, Figure
6-2
3.1
ns
tsu
Setup time
LS_WDATA valid before LS_CLK ↑,
Figure 6-2
1.5
ns
t h
Hold time
LS_WDATA valid after LS_CLK ↑,
Figure 6-2
1.5
ns
tWINDOW
Window time(1) (3)
Setup time + Hold time, Figure 6-2
3.0
ns
tDERATING
Window time derating(1) (3)
For each 0.25 V/ns reduction in slew
rate below 1 V/ns, Figure 6-6
0.35
ns
SubLVDS
tr
Rise slew rate
20% to 80% reference points, Figure
6-5
0.7
1
V/ns
tƒ
Fall slew rate
80% to 20% reference points, Figure
6-5
0.7
1
V/ns
tc
Cycle time DCLK,
Figure 6-7
1.79
1.85
ns
tW(H)
Pulse duration DCLK high
50% to 50% reference points, Figure
6-7
0.79
ns
tW(L)
Pulse duration DCLK low
50% to 50% reference points, Figure
6-7
0.79
ns
www.ti.com
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com