Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710LCFQL.B Datasheet(PDF) 32 Page - Texas Instruments

Part # DLP4710LCFQL.B
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 28Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 29Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 30Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 31Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 32Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 33Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 34Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 35Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The DMDs are spatial light modulators which reflect incoming light from an illumination source to one of two
directions, with the primary direction being into a projection or collection optic. Each application is derived
primarily from the optical architecture of the system and the format of the data coming into the dual DLPC3479
controllers. The new high tilt pixel in the bottom-illuminated DMD increases brightness performance and enables
a smaller system footprint for thickness constrained applications. Applications of interest include
• 3D depth capture: 3D camera, 3D reconstruction, dental scanner
• 3D machine vision: robotics, metrology, automated in-line inspection (AOI)
• 3D biometrics: facial and finger print recognition
• Integrated Display and 3D Depth Capture: Projection mapping, smart lighting, Glass-free AR Projection
• Light Exposure: Programmable spatial and temporal light exposure
DMD power-up and power-down sequencing is strictly controlled by the DLPA3000/DLPA3005. Refer to
Power Supply Recommendations for power-up and power-down specifications. To ensure reliable operation,
the DLP4710LC DMD must always be used with two DLPC3479 controllers and a DLPA3000 or DLPA3005
PMIC/LED driver.
8.2 Typical Application
A pattern-projector that can be used for high resolution 3D scan and display in 3D Scanners, Dental Scanners,
Metrology, projection mapping, etc., is a common application when using a DLP4710LC DMD and two
DLPC3479 devices. The two DLPC3479 devices in the pico-projector receive images from a multimedia front
end within the product as shown in Figure 8-1.
RESETZ
PROJ_ON
INTZ
PARKZ
1.1 V
1.8 V
VCORE
VIO
3
BIAS, RST, OFS
I2C
Microcontroller
Front End
MSP430
Tiva
HOST_IRQ
DLPC3479
eDRAM
VCC_FLSH
SPI_1
SPI_0
Sub-LVDS DATA (18)
CTRL
VCC_INTF
SPI
Flash
GPIO_8 (Normal Park)
TRIG_IN
3DR
TSTPT_4
GPIO_7
TRIG_OUT1
TRIG_OUT2
SPI(4)
LED_SEL(2)
Illumination
Optics
PROJ_ON
sd
DLP4710LC
DMD
Included in DLP® Chip Set
Non-DLP components
DLPC3479
eDRAM
I2C_0
I2C_1
SPI Flash
SPI_0
Sub-LVDS DATA (18)
LS RDATA
Image
Sync
GPIO5
DLPA3000
VLED
Monochrome
Illumination
(1)
Illuminator
Current Sense
Focus stepper motor
1.1 V for DLPC3479
SYSPWR
1.8 V
VSPI
1.8 V for DMD and DLPC3479
RESETZ
INTZ
I2C
1.1 V
1.8 V
VCORE
VIO
Oscillator
VCC_INTF
VCC_FLSH
GPIO6
Figure 8-1. Typical Application Diagram
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com