Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710LCFQL.B Datasheet(PDF) 6 Page - Texas Instruments

Part # DLP4710LCFQL.B
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 2Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 3Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 4Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 5Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 6Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 7Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 8Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 9Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Table 5-1. Pin Functions – Connector Pins (continued)
PIN(1)
TYPE
SIGNAL
DATA RATE
DESCRIPTION
PACKAGE NET
LENGTH(2) (mm)
NAME
NO.
VSS
B25
Ground
Common return.
Ground for all power.
VSS
B26
Ground
VSS
B29
Ground
VSS
B5
Ground
VSS
C25
Ground
VSS
C26
Ground
VSS
C27
Ground
VSS
C28
Ground
VSS
C5
Ground
VSS
D4
Ground
VSS
D5
Ground
VSS
D6
Ground
VSS
E25
Ground
VSS
F25
Ground
VSS
F26
Ground
VSS
F5
Ground
VSS
F6
Ground
VSS
G25
Ground
VSS
G26
Ground
VSS
H25
Ground
VSS
H4
Ground
VSS
H5
Ground
VSS
H6
Ground
VSS
J26
Ground
VSS
J4
Ground
VSS
K26
Ground
VSS
K4
Ground
VSS
K5
Ground
VSS
K6
Ground
VSS
L27
Ground
(1)
Low speed interface is LPSDR and adheres to the Electrical Characteristics and AC/DC Operating Conditions table in JEDEC
Standard No. 209B, Low Power Double Data Rate (LPDDR) JESD209B.
(2)
Net trace lengths inside the package:
Relative dielectric constant for the FQL ceramic package is 9.8.
Propagation speed = 11.8 / sqrt (9.8) = 3.769 inches/ns.
Propagation delay = 0.265 ns/inch = 265 ps/inch = 10.43 ps/mm.
(3)
The following power supplies are all required to operate the DMD: VDD, VDDI, VOFFSET, VBIAS, VRESET. All VSS connections are
also required.
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com