Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TXQTR Datasheet(PDF) 45 Page - STMicroelectronics

Part # STS1TXQTR
Description  Low data-rate, low power sub-1GHz transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TXQTR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STS1TXQTR Datasheet HTML 41Page - STMicroelectronics STS1TXQTR Datasheet HTML 42Page - STMicroelectronics STS1TXQTR Datasheet HTML 43Page - STMicroelectronics STS1TXQTR Datasheet HTML 44Page - STMicroelectronics STS1TXQTR Datasheet HTML 45Page - STMicroelectronics STS1TXQTR Datasheet HTML 46Page - STMicroelectronics STS1TXQTR Datasheet HTML 47Page - STMicroelectronics STS1TXQTR Datasheet HTML 48Page - STMicroelectronics STS1TXQTR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
DocID025109 Rev 1
45/70
STS1TX
Transmission and reception
Preamble (programmable field): the length of the preamble is programmable from 1 to 32
bytes by the PREAMBLE_LENGTH field of the PCKTCTRL2 register. Each preamble byte is
a '10101010' binary sequence.
Sync (programmable field): the length of the synchronization field is programmable (from 1
to 4 bytes) through dedicated registers. The SYNC word is programmable through registers
SYNC1, SYNC2, SYNC3, and SYNC4. If the programmed sync length is 1, then only SYNC
word is transmitted; if the programmed sync length is 2 then only SYNC1 and SYNC2 words
are transmitted and so on.
Length (programmable/optional field): the packet length field is an optional field that is
defined as the cumulative length of Address, Control, and Payload fields. It is possible to
support fixed and variable packet length. In fixed mode, the field length is not used.
Destination address (programmable/optional field): is filled with the value of register
TX_DEST_ADDR.
Control (programmable/optional field): is programmable from 0 to 4 bytes through the
CONTROL_LEN field of the PCKTCTRL4 register. Control fields of the packet can be set
using the TX_CTRL_FIELD[3:0] register.
Payload (programmable/optional field): the device supports both fixed and variable payload
length transmission from 0 to 65535 bytes.
On the transmitter, the payload length is always set as: PCKTLEN1 × 256 + PCKTLEN0.
On the receiver, if the field FIX_VAR_LEN of PCKTCTRL2 register is set to 1, the payload
length is directly extracted from the received packet itself; if FIX_VAR_LEN is set to 0, the
payload length is controlled by the PCKTLEN0 and PCKTLEN1 registers as the transmitter.
Furthermore, in variable length mode, the width of the binary field transmitted, where the
actual length of payload is written, must be configured through the field LEN_WIDTH of the
PCKTCTRL3 register according to the maximum length expected in the specific application.
Example 1
•
If the variable payload length is from 0 to 31 bytes, then LEN_WIDTH = 5
•
If the variable payload length is from 0 to 255 bytes, then LEN_WIDTH = 8
•
If the variable payload length is from 0 to 65535 bytes, then LEN_WIDTH = 16.
CRC (programmable/optional field): There are different polynomials CRC: 8 bits, 16 bits (2
polynomials are available) and 24 bits.
9.6
Data modes
Direct modes are primarily intended to completely bypass all the framer/deframer
operations, in order to give the user maximum flexibility in the choice of frame formats,
controlled by the field TXSOURCE of the PCKTCTRL1 register. In particular:
TXSOURCE =
•
0 - normal modes
•
1 - direct through FIFO: the packet is written in TX FIFO. The user build the packet
according to his need including preamble, payload and soon on. The data are
transmitted without any processing.
•
2 - direct through GPIO: the packet bits are continuously read from one of the GPIO
pins, properly configured, and transmitted without any processing. To allow the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com