Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TXQTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STS1TXQTR
Description  Low data-rate, low power sub-1GHz transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TXQTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STS1TXQTR Datasheet HTML 9Page - STMicroelectronics STS1TXQTR Datasheet HTML 10Page - STMicroelectronics STS1TXQTR Datasheet HTML 11Page - STMicroelectronics STS1TXQTR Datasheet HTML 12Page - STMicroelectronics STS1TXQTR Datasheet HTML 13Page - STMicroelectronics STS1TXQTR Datasheet HTML 14Page - STMicroelectronics STS1TXQTR Datasheet HTML 15Page - STMicroelectronics STS1TXQTR Datasheet HTML 16Page - STMicroelectronics STS1TXQTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
DocID025109 Rev 1
13/70
STS1TX
Characteristics
6
Characteristics
6.1
General characteristics
6.2
Electrical specifications
6.2.1
Electrical characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical values are referred to TA = 25 °C, VBAT = 3.0 V. All performance is referred
to a 50 Ohm antenna connector, via the reference design using the application diagram as
in Figure 2, unless otherwise noted.
Table 8. General characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
FREQ
Frequency range
150
-
174
MHz
300
348
MHz
387
470
MHz
779
956
MHz
DR
Air data rate for each modulation scheme.
Note that if “Manchester”, “3-out-of-6” and/or FEC encoding/decoding options are
selected, the effective bit rate will be lower.
2-FSK
1
-
500
kBaud
GMSK (BT=1, BT=0.5)
1
500
kBaud
GFSK (BT=1, BT=0.5)
1
500
kBaud
MSK
1
500
kBaud
OOK/ASK
1
250
kBaud
Table 9. Power consumption static modes
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IBAT
Supply current
Shutdown (1)
1. See Table 18.
-
2.5
-
nA
Standby (1)
600
Sleep (1)
850
Ready (default mode)(1)
400
µA
Lock(1)
4.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com