Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TXQTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # STS1TXQTR
Description  Low data-rate, low power sub-1GHz transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TXQTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STS1TXQTR Datasheet HTML 35Page - STMicroelectronics STS1TXQTR Datasheet HTML 36Page - STMicroelectronics STS1TXQTR Datasheet HTML 37Page - STMicroelectronics STS1TXQTR Datasheet HTML 38Page - STMicroelectronics STS1TXQTR Datasheet HTML 39Page - STMicroelectronics STS1TXQTR Datasheet HTML 40Page - STMicroelectronics STS1TXQTR Datasheet HTML 41Page - STMicroelectronics STS1TXQTR Datasheet HTML 42Page - STMicroelectronics STS1TXQTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
DocID025109 Rev 1
39/70
STS1TX
Transmission and reception
For fXO = 26 MHz
With this solution the maximum deviation for the 26 MHz case is limited to about 355 kHz,
but this is still acceptable since the maximum useful deviation is about 125 kHz (MSK @
500 kbps).
In GFSK mode the Gaussian filter BT product can be set to 1 or 0.5 by the field BT_SEL of
the MOD0 register.
In MSK mode, the frequency deviation is automatically set to ¼ of the data rate and the
content of the FDEV register is ignored.
The calculation done within the modem assumes that the digital clock is equal to the
synthesizer reference. Hence, in the 52-MHz case the MSK can actually be configured by
setting the frequency deviation to ¼ of the data rate through the FDEV registers as for
normal 2-FSK. The same is true for GMSK mode, which can be configured by setting the
frequency deviation to ¼ of the data rate through the FDEV registers as for normal GFSK
with Gaussian filter BT equal to 1 or 0.5.
E/M
01234567
0
793.5
793.5
991.8
991.8
1190.2
1190.2
1388.5
1388.5
1
1586.9
1785.3
1983.6
2182.0
2380.4
2578.7
2777.1
2975.5
2
3173.8
3570.6
3967.3
4364.0
4760.7
5157.5
5554.2
5950.9
3
6347.7
7141.1
7934.6
8728.0
9521.5
10314.9
11108.4
11901.9
4
12695.3
14282.2
15869.1
17456.1
19043.0
20629.9
22216.8
23803.7
5
25390.6
28564.5
31738.3
34912.1
38085.9
41259.8
44433.6
47607.4
6
50781.3
57128.9
63476.6
69824.2
76171.9
82519.5
88867.2
95214.8
7
101562.5
114257.8
126953.1
139648.4
152343.8
165039.1
177734.4
190429.7
8
203125.0
228515.6
253906.3
279296.9
304687.5
330078.1
355468.8
380859.4
9
406250.0
457031.3
507812.5
558593.8
609375.0
660156.3
710937.5
761718.8
E/M
01234567
0
396.7
396.7
495.9
495.9
595.1
595.1
694.3
694.3
1
793.5
892.6
991.8
1091.0
1190.2
1289.4
1388.5
1487.7
2
1586.9
1785.3
1983.6
2182.0
2380.4
2578.7
2777.1
2975.5
3
3173.8
3570.6
3967.3
4364.0
4760.7
5157.5
5554.2
5950.9
4
6347.7
7141.1
7934.6
8728.0
9521.5
10314.9
11108.4
11901.9
5
12695.3
14282.2
15869.1
17456.1
19043.0
20629.9
22216.8
23803.7
6
25390.6
28564.5
31738.3
34912.1
38085.9
41259.8
44433.6
47607.4
7
50781.3
57128.9
63476.6
69824.2
76171.9
82519.5
88867.2
95214.8
8
101562.5
114257.8
126953.1
139648.4
152343.8
165039.1
177734.4
190429.7
9
203125.0
228515.6
253906.3
279296.9
304687.5
330078.1
355468.8
380859.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com