Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TXQTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STS1TXQTR
Description  Low data-rate, low power sub-1GHz transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TXQTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STS1TXQTR Datasheet HTML 17Page - STMicroelectronics STS1TXQTR Datasheet HTML 18Page - STMicroelectronics STS1TXQTR Datasheet HTML 19Page - STMicroelectronics STS1TXQTR Datasheet HTML 20Page - STMicroelectronics STS1TXQTR Datasheet HTML 21Page - STMicroelectronics STS1TXQTR Datasheet HTML 22Page - STMicroelectronics STS1TXQTR Datasheet HTML 23Page - STMicroelectronics STS1TXQTR Datasheet HTML 24Page - STMicroelectronics STS1TXQTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
DocID025109 Rev 1
21/70
STS1TX
Characteristics
6.2.5
Sensors
Characteristics measured over recommended operating conditions unless otherwise
specified. All typical values are referred to TA = 25 °C, VBAT = 3.0 V.
Table 16. Analog temperature sensor characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TERR
Error in temperature
Across the temperature range
-
±2.5
-
°C
TSLOPE Temperature coefficient
2.5
mV/
°C
VTS-OUT Output voltage level
0.92
V
TICC
Current consumption
Buffered output (low output
impedance; about 400 Ohm)
600
µA
Not buffered output (high output
impedance; about 100 k
Ω)
10
µA
Table 17. Battery indicator and low battery detector(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBLT
Battery level thresholds
2.1
2.7
V
VBOT
Brownout threshold
Measured in slow battery
variation (static) conditions
(inaccurate)
1.535
V
Measured in slow battery
variation (static) conditions
(accurate)
1.684
V
BOThyst Brownout threshold hysteresis
70
mV
1. For battery powered equipment, the TX does not transmit at incorrect frequencies under low battery voltage
conditions. It either remains on channel or stops transmitting. The latter can of course be implemented by
using a lock detect and/or by switching off the PA under control of the battery monitor. For testing purposes
this control is enabled/disabled by SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com