Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA110 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA110
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA110 Datasheet(HTML) 4 Page - Texas Instruments

  INA110 Datasheet HTML 1Page - Texas Instruments INA110 Datasheet HTML 2Page - Texas Instruments INA110 Datasheet HTML 3Page - Texas Instruments INA110 Datasheet HTML 4Page - Texas Instruments INA110 Datasheet HTML 5Page - Texas Instruments INA110 Datasheet HTML 6Page - Texas Instruments INA110 Datasheet HTML 7Page - Texas Instruments INA110 Datasheet HTML 8Page - Texas Instruments INA110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
INA110
4
SBOS147A
www.ti.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DYNAMIC RESPONSE (CONT)
Settling Time:
0.01%,G = 1
VO = 20V Step
5
12.5
*
*
*
µs
G = 10
3
7.5
*
*
*
µs
G = 100
4
7.5
*
*
*
µs
G = 200
7
12.5
*
*
*
µs
G = 500
16
25
*
*
*
µs
Recovery(5)
50% Overdrive
1
*
*
µs
POWER SUPPLY
Rated Voltage
±15
*
*
V
Voltage Range
±6
±18
**
**
V
Quiescent Current
VO = 0V
±3
±4.5
*
*
*
*
mA
TEMPERATURE RANGE
Specification: P, U
–25
+85
*
*
0
+70
°C
G
–55
+125
°C
Operation
–55
+125
*
*
–25
+85
°C
Storage
–65
+150
*
*
–40
+85
°C
θ
JA
100
*
*
°C/W
ELECTRICAL CHARACTERISTICS (Cont)
At +25
°C, ±V
CC 15VDC, and RL = 2KΩ, unless otherwise specified.
INA110BG, SG
INA110KP, KU
INA110AG
* Same as INA110AG.
NOTES: (1) Gains other than 1, 10, 100, 200, and 500 can be set by adding an external resistor, RG, between pin 3 and pins 11, 12 and 16. Gain accuracy is a function
of RG and the internal resistors which have a ±20% tolerance with 20ppm/°C drift. (2) Adjustable to zero. (3) For differential input voltage other than zero, see Typical
Characteristics. (4) VNOISE RTI = √VN2 INPUT + (VN OUTPUT/Gain)2. (5) Time required for output to return from saturation to linear operation following the removal of an input
overdrive voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com