Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA110 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA110
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA110 Datasheet(HTML) 1 Page - Texas Instruments

  INA110 Datasheet HTML 1Page - Texas Instruments INA110 Datasheet HTML 2Page - Texas Instruments INA110 Datasheet HTML 3Page - Texas Instruments INA110 Datasheet HTML 4Page - Texas Instruments INA110 Datasheet HTML 5Page - Texas Instruments INA110 Datasheet HTML 6Page - Texas Instruments INA110 Datasheet HTML 7Page - Texas Instruments INA110 Datasheet HTML 8Page - Texas Instruments INA110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Fast-Settling FET-Input
INSTRUMENTATION AMPLIFIER
APPLICATIONS
q MULTIPLEXED INPUT DATA
ACQUISITION SYSTEM
q FAST DIFFERENTIAL PULSE AMPLIFIER
q HIGH SPEED GAIN BLOCK
q AMPLIFICATION OF HIGH IMPEDANCE
SOURCES
DESCRIPTION
The INA110 is a versatile monolithic FET-input
instrumentation amplifier. Its current-feedback circuit topol-
ogy
and
laser
trimmed
input
stage
provide
excellent dynamic performance and accuracy. The INA110
settles in 4
µs to 0.01%, making it ideal for high speed or
multiplexed-input data acquisition systems.
Internal gain-set resistors are provided for gains of 1, 10,
100, 200, and 500V/V. Inputs are protected for differential
and common-mode voltages up to
±V
CC. Its very high input
impedance and low input bias current make the INA110 ideal
for applications requiring input filters or input protection
circuitry.
The INA110 is available in 16-pin plastic and ceramic DIPs,
and in the SOL-16 surface-mount package. Military, indus-
trial and commercial temperature range grades are available.
A
1
1
404
Ω
4.44k
Ω
201
Ω
80.2
Ω
A
2
20k
Ω
10k
Ω
10k
Ω
20k
Ω
A
3
10k
Ω
10k
Ω
13
12
16
11
3
2
4
5
8
7
14
15
9
6
10
–In
X 10
X 100
X 200
X 500
R
G
+In
(1)
Output
Ref
Sense
+V
CC
–V
CC
Input
Offset
Adjust
Output
Offset
Adjust
FET
Input
FET
Input
INA110
NOTE: (1) Connect to R
G for desired gain.
FEATURES
q LOW BIAS CURRENT: 50pA max
q FAST SETTLING: 4
µs to 0.01%
q HIGH CMR: 106dB min; 90dB at 10kHz
q INTERNAL GAINS: 1, 10, 100, 200, 500
q VERY LOW GAIN DRIFT: 10 to 50ppm/
°C
q LOW OFFSET DRIFT: 2
µV/°C
q LOW COST
q PINOUT SIMILAR TO AD524 AND AD624
INA110
SBOS147A – SEPTEMBER 1986 – JULY 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1986-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
INA1
10
INA110


Similar Part No. - INA110

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Axiomtek Co., Ltd.
INA110 AXIOMTEK-INA110 Datasheet
354Kb / 2P
DIN-Rail Cybersecurity Gateway with Intel Atom® x5-E3930/E3940 Processor and 4 LAN with LAN Bypass
Jun. 21, 2024.
INA110-E3930-A AXIOMTEK-INA110-E3930-A Datasheet
354Kb / 2P
DIN-Rail Cybersecurity Gateway with Intel Atom® x5-E3930/E3940 Processor and 4 LAN with LAN Bypass
Jun. 21, 2024.
INA110-E3940-A AXIOMTEK-INA110-E3940-A Datasheet
354Kb / 2P
DIN-Rail Cybersecurity Gateway with Intel Atom® x5-E3930/E3940 Processor and 4 LAN with LAN Bypass
Jun. 21, 2024.
More results

Similar Description - INA110

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1122 LINER-LT1122 Datasheet
249Kb / 8P
Fast Settling, JFET Input Operational Amplifier
logo
Analog Devices
AD3554 AD-AD3554 Datasheet
398Kb / 6P
FAST-SETTLING, WIDEBAND, FET-INPUT OP AMP
logo
National Semiconductor ...
LF400A NSC-LF400A Datasheet
218Kb / 12P
Fast-Settling JFET-Input Operational Amplifier
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
Fast Settling, JFET Input Operational Amplifier
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA121 TI1-INA121 Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com