Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA110 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA110
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA110 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA110 Datasheet HTML 7Page - Texas Instruments INA110 Datasheet HTML 8Page - Texas Instruments INA110 Datasheet HTML 9Page - Texas Instruments INA110 Datasheet HTML 10Page - Texas Instruments INA110 Datasheet HTML 11Page - Texas Instruments INA110 Datasheet HTML 12Page - Texas Instruments INA110 Datasheet HTML 13Page - Texas Instruments INA110 Datasheet HTML 14Page - Texas Instruments INA110 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
INA110
11
SBOS147A
www.ti.com
3
13
1
2
6
10
INA110
9
V
OUT
–15V
7
8
+15V
X10
SHC5320
In 1
In 2
In 15
In 16
1
8
FIGURE 9. Bridge Amplifier with 1Hz Low-Pass Input Filter.
FIGURE 10. AC-Coupled Differential Amplifier for
Frequencies Greater Than 0.016Hz.
X100
3
12
1
2
6
10
INA110
9
V
OUT
10M
Ω
–15V
100mV
PP
1
µF
10M
Ω
1
µF
7
8
+15V
300
Ω
3
11
1
2
6
10
INA110
9
V
OUT
75k
Ω(1)
–15V
7
8
+15V
NOTE: (1) Larger resistors and a smaller capacitor can be used.
1µF
(1)
X500
75k
Ω(1)
FET input allows low-pass filtering with minimal effect on DC accuracy.
V
REF
FIGURE 12. Rapid-Scanning-Rate Data Acquisition Channel
with 5
µs Settling to 0.01%.
FIGURE 13. 60Hz Input Notch Filter.
X10
3
13
1
2
6
10
INA110
9
V
OUT
–15V
5.34M
Ω(1)
NOTE: (1) For 50Hz use 3.16M
Ω and 6.37MΩ.
2k
Ω potentiometer sets Q.
7
8
+15V
V
IN
2k
Ω
5.34M
Ω(1)
1000pF
500pF
500pF
2.67M
Ω(1)
FIGURE 11. Programmable-Gain Instrumentation Amplifier
(Precision Noninverting or Inverting Buffer with
Gain).
1
13
12
16
11
3
2
6
10
8
9
V
OUT
–15V
∆V
IN
X10
X100
X200
X500
Decoder/
Latch/Driver
A
0
A
1
A
2
NOTE: Use manual switch or low resistance relay.
Layout is critical (see section on Dynamic Performance).
7
+15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com