Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA110 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA110
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA110 Datasheet(HTML) 5 Page - Texas Instruments

  INA110 Datasheet HTML 1Page - Texas Instruments INA110 Datasheet HTML 2Page - Texas Instruments INA110 Datasheet HTML 3Page - Texas Instruments INA110 Datasheet HTML 4Page - Texas Instruments INA110 Datasheet HTML 5Page - Texas Instruments INA110 Datasheet HTML 6Page - Texas Instruments INA110 Datasheet HTML 7Page - Texas Instruments INA110 Datasheet HTML 8Page - Texas Instruments INA110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
INA110
5
SBOS147A
www.ti.com
0
Load Resistance (
Ω)
OUTPUT SWING vs LOAD RESISTANCE
±16
±12
±8
±4
400
1.6k
02M
800
1.2k
±4
Power Supply Voltage (V)
OUTPUT SWING vs SUPPLY
±16
±13
±10
±7
R
L = 2kΩ
±9
±15
±6
±18
±12
±3
Power Supply Voltage (V)
INPUT VOLTAGE RANGE vs SUPPLY
±9
±15
±6
±18
±15
±12
±9
±6
±12
0
Power Supply Voltage (V)
BIAS CURRENT vs SUPPLY
±9
±15
±6
±18
25
20
15
10
5
±12
TYPICAL CHARACTERISTICS
At TA = +25°C and ±VCC = 15VDC, unless otherwise noted.
1
Frequency (Hz)
GAIN vs FREQUENCY
10
1k
100
10
100
1k
10k
100k
1M
10M
G = 500
G = 200
G = 100
G = 10
G = 1
1pA
Temperature (°C)
BIAS CURRENT vs TEMPERATURE
–55
100nA
10nA
1pA
100pA
10pA
–25
5
35
65
95
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com