Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA110 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA110
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA110 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA110 Datasheet HTML 8Page - Texas Instruments INA110 Datasheet HTML 9Page - Texas Instruments INA110 Datasheet HTML 10Page - Texas Instruments INA110 Datasheet HTML 11Page - Texas Instruments INA110 Datasheet HTML 12Page - Texas Instruments INA110 Datasheet HTML 13Page - Texas Instruments INA110 Datasheet HTML 14Page - Texas Instruments INA110 Datasheet HTML 15Page - Texas Instruments INA110 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
INA110
12
SBOS147A
www.ti.com
FIGURE 14. Input-Protected Instrumentation Amplifier.
FIGURE 15. High Common-Mode Voltage Differential
Amplifier.
FIGURE 17. Differential Input FET Buffered Current
Source.
FIGURE 18. Differential Input/Differential Output
Amplifier.
6
10
8
9
∆V
OUT
7
+15V
–15V
1
13
12
16
11
3
2
X10
X100
X200
X500
R
G
6
10
8
9
∆V
IN
7
1
13
12
16
11
3
2
X10
X100
X200
X500
R
G
+
–
INA110
INA110
3
16
1
2
6
10
INA110
9
V
OUT
R
2
–15V
7
8
+15V
X200
R
1
V
2
D
3
D
4
D
1
D
2
–15V
+15V
+15V
–15V
V
1
∆V
IN
For lower voltage, lower resistor noise:
R
1 = R2 = 20kΩ, D1 – D4 = FDH300 (1nA leakage)
For higher voltage, higher resistor noise:
R
1 = R2 = 100kΩ, D1 – D4 = 2N4117A (1pA leakage)
Matching of RCs on inputs will affect CMR, but
can be optimized by trimming R
1 or R2.
FIGURE 16. Digitally-Controlled Fast-Settling Programmable Gain Instrumentation Amplifier.
CODE
GAIN
TYPICAL 0.01% SETTLING TIME
00
10
6
µs
01
100
6
µs
10
1000
12
µs
3
13
1
2
6
10
INA110
9
V
OUT
–15V
7
8
+15V
X10
∆V
IN
8
6
2
15
PGA102
X10
1
16
+15V
7
–15V
13
4
3
X100
PGA Gain
Select
R
G
X100
3
12
1
2
6
10
INA110
9
V
OUT
10k
Ω
–15V
10k
Ω
7
8
+15V
990k
Ω
990k
Ω
∆V
IN
V
2
V
1
Common-mode range = ±1000V.
CMR is dependent on ratio matching
of external input resistors.
Overall G = 1
1
13
12
16
11
3
2
6
10
9
I
OUT
∆V
IN
X10
X100
X200
X500
R
R
G
–15V
7
8
+15V
1k
Ω
+15V
2N2222A
R
R
L
I
OUT = (∆VIN) (G) (1/10k + 1/R)
For 0mA to 20mA output, R = 50.25
Ω with (∆V
IN) (G) = 1V
INA110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com