Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3BB2DF Datasheet(PDF) 102 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 102 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 98Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 99Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 100Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 101Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 102Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 103Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 104Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 105Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 106Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 234 page
background image
Package
SOT223
SOT457
(SC-74)
SOT23
SOT323
(SC-70)
DFN1006
(SOT883)
DFN1006B
(SOT883B)
Size (mm)
6.5 x 3.5 x 1.65
2.9 x 1.5 x 1.0
2.9 x 1.3 x 1.0
2.0 x 1.25 x 0.95
1.0 x 0.6 x 0.48
1.0 x 0.6 x 0.37
P
tot (mW)
1700
600
250
200
250
250
V
DS (V)
V
GS (V)
I
D (A)
V
GS(th)
min (V)
V
GS(th)
max (V)
t
on typ (ns)
t
off typ
(ns)
Q
G typ
(nC)
ESD
protection
(kV)
R
DS(on) typ (mΩ) @ VGS =
10 V
4.5 V
2.5 V
1.8 V
20
8
7
0.4
1
10
32
11
0.5
-
15
18
PMV15UNEA
4.7
0.45
1
8.2
39.5
6.2
2
-
24
29
40
PMN28UNE
PMV28UNEA
1.9
0.4
1
8
31
2.2
2
-
63
77
114
PMF63UNE
2.2
0.4
1
6
21
2.6
2
-
64
78
110
PMV65UNE
1.9
0.45
0.95
5.3
16
1.6
2
-
120
155
195
PMZ130UNE
1.6
0.45
0.95
5.3
16
1.6
2
-
155
190
235
PMZB150UNE
1
0.5
0.95
6
86
0.45
2
-
270
360
470
PMZ290UNE2
PMZB290UNE2
0.6
0.45
0.95
5.6
19
0.4
1
-
470
620
845
PMZ600UNE
PMZB600UNE
12
6.3
0.75
1.25
16
44
9.9
2
-
16
24
-
PMV20XNEA
8.6
0.47
0.9
7
135
7.7
-
-
15
18
22
PMV16XN
9.1
0.4
0.9
9
31
12
1
-
15
19
22
PMN16XNE
5.4
0.4
0.9
7
35
6.2
-
-
24
30
40
PMV30UN2
6
0.4
0.9
5.5
22
5.1
1
-
28
38
42
PMN30UNE
30
8
1.5
0.45
0.95
5
17
1.6
2
-
210
240
270
PMZ200UNE
PMZB200UNE
1
0.45
0.95
4
12
0.8
2
-
390
460
530
PMZ390UNE
PMZB390UNE
0.59
0.45
0.95
4
12
0.6
2
-
550
660
770
PMZ550UNE
PMZB550UNE
0.4
0.6
1.1
26
88
0.52
2
-
1000
1400
2000
NX3008NBK
NX3008NBKW
12
7.2
0.4
0.9
8
33
12.4
2
-
19
22
17
PMV20XNE
5.7
0.4
0.9
9
34
7
-
-
33
42
54
PMN30UN
4.4
0.4
0.9
9
34
7
-
-
36
43
56
PMV40UN2
0.9
0.5
1.5
8
11
0.74
2
-
234
324
-
PMF250XNE
20
7.6
1
2
9
9
7.2
-
17
21
-
-
PMV20EN
5.5
1
2.5
8
33
12.6
2
17
22
-
-
PMN25ENE
PMV15ENEA
3.9
1
2.5
6.3
14.1
6
2
28
36
-
-
PMV28ENEA
3.1
1
2.5
18
78
6.5
-
28
37
-
-
PMV37EN2
4.5
1
2.5
3
11
6
1
30
44
-
-
PMN40ENE
PMV42ENE
5.1
1
2
3
11
3.6
-
35
43
-
-
PMV45EN2
2.1
1
2.5
3
15
2.6
2
70
90
-
-
PMV90ENE
0.18
0.8
1.5
10
51
0.34
-
2700
3000
4000
-
NX3020NAK
NX3020NAKW
40
20
6.2
1.3
2.7
2
12
11
-
19
23
-
-
PMN20ENA
5.4
1
2.5
4
20
7.8
2
23
30
-
-
PMN30ENEA
PMV30ENEA
2.7
1
2.5
6
12
4.1
1
64
79
-
-
PMV60ENEA
2.5
1
2.5
14
14
2.4
1
95
120
-
-
PMV130ENEA
55
10
0.3
0.4
1.3
4
11
1
3
-
2300
2400
3100
BSH111BK
60
20
4.2
1.3
2.7
3
11
10
-
32
38
-
-
PMN40ENA
3.1
1.3
2.7
9
33
12.7
2
46
52
-
PMN55ENE
PMV55ENEA
2.1
1.3
2.7
6.4
15.9
5.9
2
96
108
-
-
PMV30ENEA
PMV88ENEA
1.5
1.3
2.7
6.3
13
3.9
2
176
196
-
-
PMN230ENE
PMV164ENEA
0.8
1.3
2.7
5.3
10.2
2.4
2
300
332
-
-
PMV450ENEA
0.19
0.8
1.5
6
11
0.33
yes
2800
3500
4500
-
NX138AK
0.27
0.5
1.5
7.9
12.5
0.49
2
2100
2200
2600
-
NX138BK
NX138BKW
0.1
0.6
1.4
2
5
2
2800
3800
-
-
BSN20BK
0.19
1.1
2.1
12
34
0.33
yes
3000
3700
-
-
NX7002AK
NX7002AKW
0.27
1.1
2.1
4.7
6.9
1
2
2200
2500
-
-
NX7002BK
NX7002BKW
NX7002BKM
NX7002BKMB
100
20
1.5
1.3
2.7
4.8
9.3
4.5
1
285
300
-
-
PMT280ENEA
PMN280ENEA
PMV280ENEA
1.1
1.3
2.7
5.7
10.2
2.9
1
527
555
-
-
PMT560ENEA
Small-signal MOSFETs single (N-channel)
Small-signal MOSFETs
Nexperia selection guide 2020
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com