Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3BB2DF Datasheet(PDF) 104 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 104 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 100Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 101Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 102Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 103Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 104Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 105Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 106Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 107Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 108Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 234 page
background image
Package
SOT223
SOT457
(SC-74)
SOT23
SOT363
(SC-88)
SOT323
(SC-70)
DFN1006-3
(SOT883)
DFN1006B-3
(SOT883B)
Size (mm)
6.5 x 3.5 x 1.65
2.9 x 1.5 x 1.0
2.9 x 1.3 x 1.0
2.0 x 1.25 x 0.95
2.0 x 1.25 x 0.95
1.0 x 0.6 x 0.48
1.0 x 0.6 x 0.37
P
tot (mW)
1700
600
250
300
200
250
250
V
DS (V)
V
GS (V)
I
D (A)
V
GS(th)
min (V)
V
GS(th)
max (V)
t
on typ (ns)
t
off typ
(ns)
Q
G typ
(nC)
ESD pro-
tection
(kV)
R
DS(on) typ (mΩ) @ VGS =
10 V
4.5 V
2.5 V
1.8 V
20
8
5.6
0.45
0.95
11
83
14.7
2
-
27
38
50
PMV27UPE
5.3
0.45
0.95
41
122
14.7
2
-
30
38
51
PMV33UPE
5.4
0.45
0.95
34
128
15.5
-
-
34
42
57
PMV32UP
4
0.47
0.9
400
2180
10.5
3
-
50
57
70
PMV50UPE
2
0.5
1.1
7
50
6
-
-
100
155
210
NX2301P
1.2
0.45
0.95
33
52
3.3
-
-
170
210
280
PMV160UP
2.3
0.45
0.95
5
43
3.7
-
-
120
150
200
BSH205G2
1.4
0.45
0.95
9
35
1.3
1.8
-
330
420
520
PMZ350UPE
PMZB350UPE
0.5
0.45
0.95
2.3
13.5
1.19
1
-
1020
1270
1700
PMZ950UPE
PMZB950UPE
12
4.5
0.75
1.25
7.9
59
11
2
-
28
42
-
PMN30XPE
PMV30XPEA
6.8
0.47
0.9
12
62
15
-
-
30
35
48
PMN30XP
5.7
0.75
1.25
44
60
11.5
2
-
41
56
-
4.1 / 3.5
0.75
1.25
24
84
8.5
-
-
48
71
-
PMN48XP
PMV48XP
4.4
0.47
0.9
7
135
7.7
-
-
48
60
82
PMV50XP
4.7
0.47
0.9
5.1
141
8.5
-
-
50
64
88
PMN52XP
3.9
0.55
0.95
28
101
7.6
-
-
65
90
-
PMV65XP
3.3
0.75
1.25
7
36
5
2
-
67
99
-
PMV65XPE
4.1
0.75
1.25
20
57
5.2
2
-
70
101
-
PMN70XPE
3.9
0.47
0.9
6
120
5
-
-
72
88
110
PMN70XP
3.2
0.47
0.9
6
120
5
-
-
77
95
120
PMV75UP
2
0.65
1.15
48
64
4.8
-
-
90
125
-
PMG85XP
2.3
0.7
1.3
5.3
36
3.4
2
-
100
155
-
PMV100XPEA
1
0.65
1.15
26
44
2.6
-
-
175
240
-
PMF170XP
30
8
1
0.45
0.95
2.9
22
1.45
2
-
400
480
600
PMZ320UPE
PMZB320UPE
0.41
0.45
0.95
3
14
0.7
2
-
1200
1700
2100
PMZ1200UPE
PMZB1200UPE
0.23
0.6
1.1
49
103
0.55
2
-
2800
5300
-
NX3008PBK
NX3008PBKW
20
5.3
1
3
6
36
12.8
2
35
49
-
-
PMN50EPE
PMV35EPE
4.4
1
3
5
19
6.5
2
60
96
-
-
PMN70EPE
PMV74EPE
40
20
1.8
1
2.5
10
40
4.7
1
180
220
-
-
PMV250EPEA
50
20
0.2
1.1
2.1
24
73
0.26
1
5300
6000
-
-
BSS84AK
BSS84AKW
BSS84AKM
BSS84AKMB
70
20
2.4
1
3
6
42
10.6
2
130
150
-
-
PMT200EPE
Small-signal MOSFETs
Small-signal MOSFETs single (P-channel)
Nexperia selection guide 2020
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com