Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQ/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM5035CSQ/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQ/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5035CSQ/NOPB Datasheet HTML 13Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 14Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 15Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 16Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 17Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 18Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 19Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 20Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
PWM
COMPARATOR
5 V
COMP
REF
LM5035C
+
_
5k
1 V
SOFT-START
FEED-FORWARD RAMP
Voltage
feedback
LM4041
Potential across
Optocoupler detector
is constant (approx. 4.3 V)
1 : 1
Copyright © 2016, Texas Instruments Incorporated
17
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 13. Optocoupler to COMP Interface
8.3.7 Soft Start
The soft-start circuit allows the regulator to gradually reach a steady state operating point, thereby reducing start-
up stresses and current surges. When bias is supplied to the LM5035C, the SS pin capacitor is discharged by an
internal MOSFET. When the UVLO, VCC and REF pins reach their operating thresholds, the SS capacitor is
released and charged with a 110-µA current source. The PWM comparator control voltage is clamped to the SS
pin voltage by an internal amplifier. When the PWM comparator input reaches 1 V, output pulses commence with
slowly increasing duty cycle. The voltage at the SS pin eventually increases to 5 V, while the voltage at the PWM
comparator increases to the value required for regulation as determined by the voltage feedback loop.
One method to shutdown the regulator is to ground the SS pin. This forces the internal PWM control signal to
ground, reducing the output duty cycle quickly to zero. Releasing the SS pin begins a soft-start cycle and normal
operation resumes. A second shutdown method is discussed in UVLO.
8.3.8 PWM Comparator
The pulse width modulation (PWM) comparator compares the voltage ramp signal at the RAMP pin to the loop
error signal. This comparator is optimized for speed to achieve minimum controllable duty cycles. The loop error
signal is received from the external feedback and isolation circuit is in the form of a control current into the
COMP pin. The COMP pin current is internally mirrored by a matched pair of NPN transistors which sink current
through a 5-kΩ resistor connected to the 5-V reference. The resulting control voltage passes through a 1-V level
shift before being applied to the PWM comparator.
An opto-coupler detector can be connected between the REF pin and the COMP pin. Because the COMP pin is
controlled by a current input, the potential difference across the optocoupler detector is nearly constant. The
bandwidth limiting phase delay which is normally introduced by the significant capacitance of the opto-coupler is
thereby greatly reduced. Higher loop bandwidths can be realized because the bandwidth-limiting pole associated
with the opto-coupler is now at a much higher frequency. The PWM comparator polarity is configured such that
with no current into the COMP pin, the controller produces the maximum duty cycle at the main gate driver
outputs, HO and LO.
8.3.9 Feedforward Ramp and Volt • Second Clamp
An external resistor (RFF) and capacitor (CFF) connected to VIN, AGND, and the RAMP pin are required to create
the PWM ramp signal. The slope of the signal at RAMP will vary in proportion to the input line voltage. This
varying slope provides line feedforward information necessary to improve line transient response with voltage
mode control. The RAMP signal is compared to the error signal by the pulse width modulator comparator to
control the duty cycle of the HO and LO outputs. With a constant error signal, the on-time (TON) varies inversely
with the input voltage (VIN) to stabilize the Volt • Second product of the transformer primary signal. The power
path gain of conventional voltage-mode pulse width modulators (oscillator generated ramp) varies directly with
input voltage. The use of a line generated ramp (input voltage feedforward) nearly eliminates this gain variation.
As a result, the feedback loop is only required to make very small corrections for large changes in input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com