Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQ/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LM5035CSQ/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQ/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5035CSQ/NOPB Datasheet HTML 19Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 20Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 21Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 22Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 23Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 24Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 25Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 26Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
23
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9.2.1 Design Requirements
Table 1 lists the parameters for this example.
Table 1. Design Parameters
PARAMETER
MIN
NOM
MAX
UNIT
Input voltage (VIN)
36
72
V
Output voltage (VOUT)
3.3
V
Output current (IOUT)
0
30
A
Oscillator frequency
400
kHz
Efficiency (full load)
89%
Efficiency (half load)
92%
Load regulation
0.2%
Line regulation
0.1%
Undervoltage lockout (ON)
33.9
V
Undervoltage lockout (OFF)
31.9
V
Line overvoltage protection (ON)
79.4
V
Line overvoltage protection (OFF)
78.3
V
9.2.2 Detailed Design Procedure
The Device Comparison Table lists the differences between the LM5035, LM5035A, LM5035B, and LM5035C.
9.2.2.1 VIN
The voltage applied to the VIN pin, which may be the same as the system voltage applied to the power
transformer’s primary (VPWR), can vary in the range of 13 to 105 V. The current into VIN depends primarily on the
gate charge provided to the output drivers, the switching frequency, and any external loads on the VCC and REF
pins. TI recommends using the filter shown in Figure 16 to suppress transients which may occur at the input
supply. This is particularly important when VIN is operated close to the maximum operating rating of the
LM5035C.
When power is applied to VIN and the UVLO pin voltage is greater than 0.4 V, the VCC regulator is enabled and
supplies current into an external capacitor connected to the VCC pin. When the voltage on the VCC pin reaches
the regulation point of 7.6 V, the voltage reference (REF) is enabled. The reference regulation set point is 5 V.
The HO, LO, SR1 and SR2 outputs are enabled when the two bias regulators reach their setpoint and the UVLO
pin potential is greater than 1.25 V. In typical applications, an auxiliary transformer winding is connected through
a diode to the VCC pin. This winding must raise the VCC voltage above 8.3 V to shut off the internal start-up
regulator.
After the outputs are enabled and the external VCC supply voltage has begun supplying power to the IC, the
current into VIN drops below 1 mA. VIN should remain at a voltage equal to or above the VCC voltage to avoid
reverse current through protection diodes.
9.2.2.2 For Applications >100 V
For applications where the system input voltage exceeds 100 V or the IC power dissipation is of concern, the
LM5035C can be powered from an external start-up regulator as shown in Figure 17. In this configuration, the
VIN and the VCC pins should be connected together, which allows the LM5035C to be operated below 13 V. The
voltage at the VCC pin must be greater than 8.3 V yet not exceed 15 V. An auxiliary winding can be used to
reduce the power dissipation in the external regulator once the power converter is active. The NPN base-emitter
reverse breakdown voltage, which can be as low as 5 V for some transistors, should be considered when
selecting the transistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com