Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQ/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5035CSQ/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQ/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5035CSQ/NOPB Datasheet HTML 7Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 8Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 9Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 10Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 11Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 12Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 13Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 14Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
TEMPERATURE (°C)
-40
0
40
80
120
26
27
28
29
30
31
32
RDLY = 27.4 k:
TEMPERATURE (°C)
-40
0
40
80
120
65
70
75
80
85
90
95
100
105
RDLY = 27.4 k:
0
20
40
60
80
100
0
50
100
150
200
250
300
350
RDLY (k:)
T1
T2
-40
0
40
80
120
4000
4500
5000
5500
6000
6500
TEMPERATURE (ºC)
11
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Effective Comp Input Impedance
Figure 8. RDLY vs Dead Time
Figure 9. SR T1 Parameter vs Temperature
Figure 10. SR T2 Parameter vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com