Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQ/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5035CSQ/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQ/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5035CSQ/NOPB Datasheet HTML 1Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 2Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 3Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 4Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 5Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 6Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 7Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 8Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
CS
NC
AGND
RT
COMP
OVP
SS
HO
LO
PGND
VCC
SR1
SR2
REF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
EP
RAMP
CS
AGND
RT
COMP
OVP
UVLO
RES
DLY
SS
HB
HS
HO
LO
PGND
VCC
SR2
SR1
REF
VIN
1
2
3
4
5
6
7
13
14
15
16
17
18
19
8
9
10
12
11
20
EP
13
4
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
PWP Package
20-Pin HTSSOP
Top View
NHZ Package
24-Pin WQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
APPLICATION INFORMATION
NAME
HTSSOP
WQFN
RAMP
1
23
I
Modulator ramp signal
An external RC circuit from VIN sets the ramp slope. This
pin is discharged at the conclusion of every cycle by an
internal FET. Discharge is initiated by either the internal
clock or the Volt • Second clamp comparator.
UVLO
2
24
I
Line Undervoltage Lockout
An external voltage divider from the power source sets
the shutdown and standby comparator levels. When
UVLO reaches the 0.4-V threshold the VCC and REF
regulators are enabled. When UVLO reaches the 1.25-V
threshold, the SS pin is released and the device enters
the active mode. Hysteresis is set by an internal current
sink that pulls 23 µA from the external resistor divider.
OVP
3
2
I
Line Overvoltage Protection
An external voltage divider from the power source sets
the shutdown levels. The threshold is 1.25 V. Hysteresis
is set by an internal current source that sources 23 µA
into the external resistor divider.
COMP
4
3
I/O
Input to the Pulse Width
Modulator
An external opto-coupler connected to the COMP pin
sources current into an internal NPN current mirror. The
PWM duty cycle is maximum with zero input current,
while 1 mA reduces the duty cycle to zero. The current
mirror improves the frequency response by reducing the
AC voltage across the opto-coupler detector.
RT
5
4
I
Oscillator Frequency
Control and Sync Clock
Input.
Normally biased at 2 V. An external resistor connected
between RT and AGND sets the internal oscillator
frequency. The internal oscillator can be synchronized to
an external clock with a frequency higher than the free
running frequency set by the RT resistor.
AGND
6
5
GND
Analog Ground
Connect directly to Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com