Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQ/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5035CSQ/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQ/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5035CSQ/NOPB Datasheet HTML 6Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 7Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 8Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 9Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 10Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 11Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 12Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 13Page - Texas Instruments LM5035CSQ/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
-40
0
40
80
120
390
395
400
405
410
TEMPERATURE (ºC)
RRT = 15k
-40
0
40
80
120
80
84
88
92
96
100
104
108
112
116
120
TEMPERATURE (°C)
30
29
28
27
26
25
24
23
22
21
20
SOFT-START
RESTART
0
5
10
15
20
25
0
1
2
3
4
5
6
IREF (mA)
0
10
20
30
40
50
0
100
200
300
400
500
600
700
800
900
1000
RRT (k:)
VVCC
VVIN (V)
0
5
10
15
20
0
1
2
3
4
5
6
7
8
VREF
10
20
30
40
50
60
70
IVCC (mA)
0
1
2
3
4
5
6
7
8
10
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
Figure 1. VVCC and VREF vs VVIN
Figure 2. VVCC vs IVCC
Figure 3. VREF vs IREF
Figure 4. Frequency vs RT
Figure 5. Oscillator Frequency vs Temperature
Figure 6. Soft-Start Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com