Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 18 Page - Texas Instruments

Part # LP3921
Description  LP3921 Battery Charger Management and Regulator Unit with Integrated Boomer™ Audio Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3921 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 14Page - Texas Instruments LP3921 Datasheet HTML 15Page - Texas Instruments LP3921 Datasheet HTML 16Page - Texas Instruments LP3921 Datasheet HTML 17Page - Texas Instruments LP3921 Datasheet HTML 18Page - Texas Instruments LP3921 Datasheet HTML 19Page - Texas Instruments LP3921 Datasheet HTML 20Page - Texas Instruments LP3921 Datasheet HTML 21Page - Texas Instruments LP3921 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
LP3921
SNVS580A – AUGUST 2008 – REVISED MAY 2013
www.ti.com
The following table summarizes the supported output voltages for the LP3921. Default voltages after startup are
highlighted in bold.
Table 4. LDO Output Voltage Programming
Data Code
LDO1
LDO2
VLDO3
LDO4
LDO5
LDO6
LDO7
LDOx PGM
(V)
(V)
(V)
(V)
(V)
(V)
(V)
O/P
8h'00
1.5
1.5
1.5
8h'01
1.8
1.8
1.8
8h'02
1.85
1.85
1.85
8h'03
2.5
2.5
2.5
2.5
8h'04
2.6
2.6
2.6
2.6
8h'05
2.7
2.7
2.7
2.7
2.7
2.7
2.7
8h'06
2.75
2.75
2.75
2.75
2.75
2.75
2.75
8h'07
2.8
2.8
2.8
2.8
2.8
2.8
2.8
8h'08
2.85
2.85
2.85
2.85
2.85
2.85
2.85
8h'09
2.9
2.9
2.9
2.9
2.9
2.9
2.9
8h'0A
2.95
2.95
2.95
2.95
2.95
2.95
2.95
8h'0B
3.0
3.0
3.0
3.0
3.0
3.0
3.0
8h'0C
3.05
3.05
3.05
3.05
3.05
3.05
3.05
8h'0D
3.1
3.1
3.1
3.1
8h'0E
3.2
3.2
3.2
3.2
8h'0F
3.3
3.3
3.3
3.3
The following table summarizes the supported charging current values for the LP3921. Default charge current
after startup is 100 mA.
Table 5. Charging Current Programming
Prog_Ichg[4]
Prog_Ichg[3
Prog_Ichg[2]
Prog_Ichg[1]
Prog_Ichg[0]
I_Charge I mA
0
0
0
0
0
50
0
0
0
0
1
100 (Default)
0
0
0
1
0
150
0
0
0
1
1
200
0
0
1
0
0
250
0
0
1
0
1
300
0
0
1
1
0
350
0
0
1
1
1
400
0
1
0
0
0
450
0
1
0
0
1
500
0
1
0
1
0
550
0
1
0
1
1
600
0
1
1
0
0
650
0
1
1
0
1
700
0
1
1
1
0
750
0
1
1
1
1
800
1
0
0
0
0
850
1
0
0
0
1
900
1
0
0
1
0
950
18
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com