Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 30 Page - Texas Instruments

Part # LP3921
Description  LP3921 Battery Charger Management and Regulator Unit with Integrated Boomer™ Audio Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3921 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 26Page - Texas Instruments LP3921 Datasheet HTML 27Page - Texas Instruments LP3921 Datasheet HTML 28Page - Texas Instruments LP3921 Datasheet HTML 29Page - Texas Instruments LP3921 Datasheet HTML 30Page - Texas Instruments LP3921 Datasheet HTML 31Page - Texas Instruments LP3921 Datasheet HTML 32Page - Texas Instruments LP3921 Datasheet HTML 33Page - Texas Instruments LP3921 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
LP3921
SNVS580A – AUGUST 2008 – REVISED MAY 2013
www.ti.com
PDPMU is mainly the sum of power dissipated in the charger and LDO blocks as shown in Equation 5:
PDPMU = ICHG (VCHG_IN − VBATT) + (IOUT1 (VBATT − VOUT1) + (IOUT2 (VBATT − VOUT2) + (IOUT3 (VBATT − VOUT3) + ... (approx.) (5)
The LP3921's
θJA in an RTV0032A package is 30°C/W. Depending on the ambient temperature, TA, of the
system surroundings, Equation 4 can be used to find the maximum internal power dissipation supported by the
IC packaging.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection ratio (PSRR). The capacitor location on both the bypass and power supply pins should be as close to
the device as possible. A larger half-supply bypass capacitor improves PSRR because it increases half-supply
stability. Typical applications employ a 5V regulator with 10 µF and 0.1 µF bypass capacitors that increase
supply stability. This, however, does not eliminate the need for bypassing the supply nodes of the LP3921. The
LP3921 will operate without the bypass capacitor CB, although the PSRR may decrease. A 1 µF capacitor is
recommended for CB. This value maximizes PSRR performance. Lesser values may be used, but PSRR
decreases at frequencies below 1 kHz. The issue of CB selection is thus dependant upon desired PSRR and
click and pop performance as explained in PROPER SELECTION OF EXTERNAL COMPONENTS.
SHUTDOWN FUNCTION
In order to reduce power consumption while not in use, the audio amplifier can be shut down by setting amp_en
to 0 in the Audio_Amp register. On power-up, the audio amplifier is in shut down until enabled. (Contact NSC
sales for a different option.) (See Table 22.)
Thermal shutdown of the PMU will shut down the audio amplifier. (See Thermal Shutdown for recovery options.)
Independent temperature sensing within the audio amplifier may also shut down the audio amplifier alone,
without affecting PMU control logic.
PROPER SELECTION OF EXTERNAL COMPONENTS
Proper selection of external components in applications using integrated power amplifiers is critical when
optimizing device and system performance. Although the LP3921 is tolerant to a variety of external component
combinations, consideration of component values must be made when maximizing overall system quality.
The LP3921 is unity-gain stable, giving the designer maximum system flexibility. The LP3921 should be used in
low closed-loop gain configurations to minimize THD+N values and maximize signal to noise ratio. Low gain
configurations require large input signals to obtain a given output power. Input signals equal to or greater than 1
Vrms are available from sources such as audio codecs. Please refer to AUDIO POWER AMPLIFIER DESIGN for
a more complete explanation of proper gain selection. When used in its typical application as a fully differential
power amplifier the LP3921 does not require input coupling capacitors for input sources with DC common-mode
voltages of less than VDD. Exact allowable input common-mode voltage levels are actually a function of VDD, Ri,
and Rf and may be determined by Equation 5:
VCMi < (VDD-1.2)*((Rf+(Ri)/(Rf)-VDD*(Ri / 2Rf)
(6)
-RF / RI = AVD
(7)
Special care must be taken to match the values of the feedback resistors (RF1 and RF2) to each other as well as
matching the input resistors (Ri1 and Ri2) to each other (see Figure 10) more in front. Because of the balanced
nature of differential amplifiers, resistor matching differences can result in net DC currents across the load. This
DC current can increase power consumption, internal IC power dissipation, reduce PSRR, and possibly
damaging the loudspeaker. Table 23 demonstrates this problem by showing the effects of differing values
between the feedback resistors while assuming that the input resistors are perfectly matched. The results below
apply to the application circuit shown in Figure 10, and assumes that VDD = 5V, RL = 8Ω, and the system has DC
coupled inputs tied to ground.
30
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com