Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3921
Description  LP3921 Battery Charger Management and Regulator Unit with Integrated Boomer™ Audio Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3921 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 8Page - Texas Instruments LP3921 Datasheet HTML 9Page - Texas Instruments LP3921 Datasheet HTML 10Page - Texas Instruments LP3921 Datasheet HTML 11Page - Texas Instruments LP3921 Datasheet HTML 12Page - Texas Instruments LP3921 Datasheet HTML 13Page - Texas Instruments LP3921 Datasheet HTML 14Page - Texas Instruments LP3921 Datasheet HTML 15Page - Texas Instruments LP3921 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
LP3921
SNVS580A – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Charger Electrical Characteristics (continued)
Unless otherwise noted, VCHG-IN = 5V, VIN (=VIN1=VIN2=BATT=VDD) = 3.6V.CCHG_IN = 10 µF. Charger set to default settings
unless otherwise noted. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface
type apply over the entire junction temperature range for operation, TA = TJ = −25°C to +85°C.
(1)(2)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
VTERM
Battery Charge Termination
Default
4.2
V
voltage
VTERM voltage tolerance
TJ = 0°C to 85°C
-1
+1
%
ICHG
Fast Charge Current Accuracy
ICHG = 450 mA
-10
+10
%
Programmable full-rate charge
6.0V
≥ VCHG_IN ≥ 4.5V
50
950
mA
current range (default 100 mA)
VBATT < (VCHG_IN - VOK_CHG)
VFULL_RATE < VBATT < VTERM
(4)
Default
100
Charge current programming
50
step
IPREQUAL
Pre-qualification current
VBATT = 2V
50
40
60
mA
ICHG_USB
CHG_IN programmable
5.5V
≥ VCHG_IN ≥
Low
current in USB mode
4.5V
100
VBATT < (VCHG_IN
- VOK_CHG)
mA
VFULL_RATE <
High
450
VBATT < VTERM
Default = 100 mA
100
VFULL_RATE
Full-rate qualification threshold VBATT rising, transition from pre-qual to full-rate
3
2.9
3.1
V
charging
IEOC
End of Charge Current, % of
0.1C option selected
10
%
full-rate current
VRESTART
Restart threshold voltage
VBATT falling, transition from EOC to full-rate
4.05
3.97
4.13
V
charge mode. Default options selected - 4.05V
IMON
IMON Voltage 1
ICHG = 100 mA
0.247
V
IMON Voltage 2
ICHG = 450 mA
1.112
0.947
1.277
TREG
Regulated junction
(5)
115
°C
temperature
Detection and Timing(5)
TPOK
Power OK deglitch time
VBATT < (VCC - VOK_CHG)
32
mS
TPQ_FULL
Deglitch time
Pre-qualification to full-rate charge transition
230
mS
TCHG
Charge timer
Precharge mode
1
Hrs
Charging Timeout
5
TEOC
Deglitch time for end-of-
230
mS
charge transition
(4)
Full-charge current is specified for CHG_IN = 4.5 to 6.0V. At higher input voltages, increased power dissipation may cause the thermal
regulation to limit the current to a safe level, resulting in longer charging time.
(5)
Specified by design.
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com