Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3921 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3921
Description  LP3921 Battery Charger Management and Regulator Unit with Integrated Boomer™ Audio Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3921 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3921 Datasheet HTML 7Page - Texas Instruments LP3921 Datasheet HTML 8Page - Texas Instruments LP3921 Datasheet HTML 9Page - Texas Instruments LP3921 Datasheet HTML 10Page - Texas Instruments LP3921 Datasheet HTML 11Page - Texas Instruments LP3921 Datasheet HTML 12Page - Texas Instruments LP3921 Datasheet HTML 13Page - Texas Instruments LP3921 Datasheet HTML 14Page - Texas Instruments LP3921 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
LP3921
www.ti.com
SNVS580A – AUGUST 2008 – REVISED MAY 2013
LDO5 (RX), LDO6 (TX), LDO7 (GP) Electrical Characteristics
Unless otherwise noted, VIN (=VIN1=VIN2=BATT=VDD) = 3.6V, GND = 0V, CVIN1-2=10 µF, CLDOX=1 µF. RX_EN, TX_EN high.
LDO7 Enabled via Serial Interface. Note VINMIN is the greater of 3.0V or VOUT5/6/7 + 0.5V. Typical values and limits appearing in
normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for
operation, TA = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
VOUT5, VOUT6,
Output Voltage
IOUT5/6/7 = 1mA, VOUT5/6/7= 3.0V
−2
+2
%
VOUT7
−3
+3
Default Output
LDO5
3
V
Voltage
LDO6
3
LDO7
3
IOUT5, IOUT6,
Output Current
VINMIN ≤ VIN ≤ 5.5V
150
mA
IOUT7
Output Current Limit
VOUT5/6/7 = 0V
300
VDO5, VDO6, VDO7 Dropout Voltage
IOUT5/6/7 = 150 mA
(2)
200
280
mV
ΔVOUT5, ΔVOUT6,
Line Regulation
VINMIN ≤ VIN ≤ 5.5V
2
mV
ΔVOUT7
IOUT5/6/7 = 1 mA
Load Regulation
1mA
≤ IOUT5/6/7 ≤ 150 mA
10
mV
en5, en6, en7
Output Noise Voltage
10 Hz
≤ f ≤ 100 kHz,
45
µVRMS
COUT = 1 µF
(3)
PSRR
Power Supply
F = 10 kHz, COUT = 1 µF
65
dB
Rejection Ratio
IOUT5/6/7 = 20 mA
(3)
tSTART-UP
Start-Up Time from
COUT = 1 µF, IOUT5/6/7 = 150 mA
40
60
µs
Enable
(3)
tTransient
Start-Up Transient
COUT = 1 µF, IOUT5/6/7 = 150 mA
5
30
mV
Overshoot
(4)
(1)
All limits are verified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and
cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical process
control.
(2)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply in cases it implies operation with an input voltage below the 3.0V minimum appearing under Operating
Ratings. For example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation
with an input voltage at or about 1.5V.
(3)
Specified by design.
(4)
Internal Thermal Shutdown circuitry protects the device from permanent damage.
Charger Electrical Characteristics
Unless otherwise noted, VCHG-IN = 5V, VIN (=VIN1=VIN2=BATT=VDD) = 3.6V.CCHG_IN = 10 µF. Charger set to default settings
unless otherwise noted. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface
type apply over the entire junction temperature range for operation, TA = TJ = −25°C to +85°C.
(1) (2)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
VCHG-IN
Input Voltage Range
(3)
4.5
6.5
V
Operating Range
4.5
6
VOK_CHG
CHG_IN OK trip-point
VCHG_IN - VBATT (Rising)
200
mV
VCHG_IN - VBATT (Falling)
50
(1)
All limits are verified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and
cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical process
control.
(2)
Junction-to-ambient thermal resistance (
θJA) is taken from thermal modelling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The value of (
θJA) of this product could fall within a wide range, depending on PWB material,
layout, and environmental conditions. In applications where high maximum power dissipation exists (high VIN, high IOUT), special care
must be paid to thermal dissipation issues in board design.
(3)
Specified by design.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com