Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP85571 Datasheet(PDF) 26 Page - Texas Instruments

Part # LP85571
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP85571 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP85571 Datasheet HTML 22Page - Texas Instruments LP85571 Datasheet HTML 23Page - Texas Instruments LP85571 Datasheet HTML 24Page - Texas Instruments LP85571 Datasheet HTML 25Page - Texas Instruments LP85571 Datasheet HTML 26Page - Texas Instruments LP85571 Datasheet HTML 27Page - Texas Instruments LP85571 Datasheet HTML 28Page - Texas Instruments LP85571 Datasheet HTML 29Page - Texas Instruments LP85571 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
8.6.1.3 BRTLO
Address: 0x03h
Reset: 0x00h
D7
D6
D5
D4
D3
D2
D1
D0
BRT[3:0]
—
Bits
Field
Type
Default
Description
7:4
BRT[3:0]
R/W
0000b
Least significant bits of the 12-bit wide brightness level. If controlling the brightness
with 8-bit resolution, writing to this register is not needed.
6:0
reserved
R/O
0000b
Reserved.
8.6.1.4 BRTHI
Address: 0x04h
Reset: 0x00h
D7
D6
D5
D4
D3
D2
D1
D0
BRT[11:4]
Bits
Field
Type
Default
Description
7:0
BRT[11:4]
R/W
00h
Most significant bits of the 12-bit wide brightness level. If controlling the brightness
with the 8-bit resolution, writing to this register is all that is needed.
The brightness level can be updated via one (8 bits) or two (16 bits) register writes. The internal brightness level
is 12 bits wide and is only updated when the BRTHI register is written. If the BRTHI register is written without a
previous write to the BRTLO register, then the lower order bits of the internal brightness is synthesized from the
BRTHI register value.
BRTLO
BRTHI
Brightness
Comments
write 0x95
write 0xFC
0xFC9
BRTLO[3:0] is ignored
write 0x10
write 0xDC
0xDC1
set to an exact 12-bit value
no write
write 0x8C
0x8C8
synthesize low order bits
no write
write 0x0C
0x0C0
synthesize low order bits
no write
write 0x00
0x000
0% brightness
no write
write 0xFF
0xFFF
100% brightness
26
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com