Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP85571 Datasheet(PDF) 34 Page - Texas Instruments

Part # LP85571
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP85571 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP85571 Datasheet HTML 30Page - Texas Instruments LP85571 Datasheet HTML 31Page - Texas Instruments LP85571 Datasheet HTML 32Page - Texas Instruments LP85571 Datasheet HTML 33Page - Texas Instruments LP85571 Datasheet HTML 34Page - Texas Instruments LP85571 Datasheet HTML 35Page - Texas Instruments LP85571 Datasheet HTML 36Page - Texas Instruments LP85571 Datasheet HTML 37Page - Texas Instruments LP85571 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
VIN
LP8557
FB
SW
1.1 ” VOUT / VIN ” 11
L1
D1
VDD
CIN
COU
T
LED1
LED2
LED3
LED4
LED5
LED6
GNDs
ISET
FSET
2.7 V ± 5.5 V
7 V ± 28 V
PWM
PWM
VOUT
RFSET
RISET
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
Table 9. Available Full-Scale LED Currents
MAXCURR
ILED [mA]
000
5
001
10
010
13
011
15
100
18
101
20
110
23
111
25
9.2 Typical Applications
9.2.1 LP8557 PWM-Only Option
Figure 38. LP8557 PWM-Only Device Option
9.2.1.1 Design Requirements
Table 10. Recommended Inductance
MIN
TYP
MAX
UNIT
ƒsw = 1 MHz
3.29
4.7 - 10
µH
ƒsw = 500 kHz
7
10 - 22
Table 11. Recommended Output Capacitance(1)
MIN
TYP
MAX
UNIT
ƒsw = 1 MHz
2
µF
ƒsw = 500 kHz
2
(1)
The recommended output capacitance is the de-rated capacitance.
34
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com