Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP85571 Datasheet(PDF) 31 Page - Texas Instruments

Part # LP85571
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP85571 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP85571 Datasheet HTML 27Page - Texas Instruments LP85571 Datasheet HTML 28Page - Texas Instruments LP85571 Datasheet HTML 29Page - Texas Instruments LP85571 Datasheet HTML 30Page - Texas Instruments LP85571 Datasheet HTML 31Page - Texas Instruments LP85571 Datasheet HTML 32Page - Texas Instruments LP85571 Datasheet HTML 33Page - Texas Instruments LP85571 Datasheet HTML 34Page - Texas Instruments LP85571 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
LP8557, LP85571
www.ti.com
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Designing With LP8557
The LP8557 is intended for applications without an I2C master. It can be fully controlled with an external PWM
signal. Boost switching frequency, boost compensation, PWM dimming frequency, and the maximum LED
current can be set with external resistors.
9.1.1.1 Setting Boost Switching and PWM Dimming Frequencies
Boost switching frequency and PWM dimming frequency are set by connecting a resistor from the FSET pin to
GND. Available options are shown in Table 2.
Table 2. Setting Boost Switching and PWM Dimming Frequencies With an
External Resistor
RFSET [
Ω] (TOLERANCE)
ƒSW (kHz)
ƒPWM (kHz)
470k - 1M (±5%)
500
4.9
300k, 330k (±5%)
500
9.8
200k (±5%)
500
14.6
147k, 150k, 154k, 158k (±1%)
500
19.5
121k (±1%)
500
24.4
100k (±1%)
500
29.3
86.6k (±1%)
500
34.2
75.0k (±1%)
500
39.1
63.4k (±1%)
1000
4.9
52.3k, 53.6k (±1%)
1000
9.8
44.2k, 45.3k (±1%)
1000
14.6
39.2k (±1%)
1000
19.5
34.0k (±1%)
1000
24.4
30.1k (±1%)
1000
29.3
26.1k (±1%)
1000
34.2
23.2k (±1%)
1000
39.1
0 (grounded)
500
9.8
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com