Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP85571 Datasheet(PDF) 39 Page - Texas Instruments

Part # LP85571
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP85571 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP85571 Datasheet HTML 35Page - Texas Instruments LP85571 Datasheet HTML 36Page - Texas Instruments LP85571 Datasheet HTML 37Page - Texas Instruments LP85571 Datasheet HTML 38Page - Texas Instruments LP85571 Datasheet HTML 39Page - Texas Instruments LP85571 Datasheet HTML 40Page - Texas Instruments LP85571 Datasheet HTML 41Page - Texas Instruments LP85571 Datasheet HTML 42Page - Texas Instruments LP85571 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
SW
ILED1
GNDs
LP8557
Up to 28V
L
D1
Parasitic
PCB
Inductances
Current through
inductor
Pulsed voltage at SW
Voltage Spike
LCD Display
ISET/SCL
FSET/SDA
VDD
FB
COUT
Current through
Schottky Diode and COUT
2.7V to 5.5V
Affected Node
due to capacitive
coupling
Cp1
Lp1
Lp2
Lp3
IAVE = IIN
IPEAK
VOUT + VF Schottky
ILED6
PWM/INT
LP8557, LP85571
www.ti.com
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
Figure 48. LP8557 Inductive Boost Converter Showing Pulsed Voltage at SW (High dv/dt) And Current
Through the Schottky Diode and COUT (High di/dt)
The following list details the main (layout sensitive) areas of the LP8557’s inductive boost converter in order of
decreasing importance:
1. Output Capacitor
–
COUT+ to Schottky diode cathode connection
–
COUT– to GND bump of the LP8557 connection
2. Schottky Diode
–
Schottky diode anode to SW connection
–
Schottky diode cathode to COUT+ connection
3. Inductor
–
SW Node PCB capacitance to other traces
4. Input Capacitor
–
CIN+ to VDD bump connection
–
CIN– to GND connection
11.1.1 Boost Output Capacitor Placement
Because the output capacitor is in the path of the inductor current discharge path, it detects a high-current step
from 0 to IPEAK each time the switch turns off and the Schottky diode turns on. Any inductance along this series
path from the diodes cathode, through COUT, and back into the LP8557 GND pin contributes to voltage spikes
(VSPIKE = LP_ × dI/dt) at SW and OUT. These spikes can potentially over-voltage the SW and FB pins, or feed
through to GND. To avoid this, COUT+ must be connected as close to the cathode of the Schottky diode as
possible, and COUT
− must be connected as close to the LP8557 GND pins as possible. The best placement for
COUT is on the same layer as the LP8557 to avoid any vias that can add excessive series inductance.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com