Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP85571 Datasheet(PDF) 38 Page - Texas Instruments

Part # LP85571
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP85571 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP85571 Datasheet HTML 34Page - Texas Instruments LP85571 Datasheet HTML 35Page - Texas Instruments LP85571 Datasheet HTML 36Page - Texas Instruments LP85571 Datasheet HTML 37Page - Texas Instruments LP85571 Datasheet HTML 38Page - Texas Instruments LP85571 Datasheet HTML 39Page - Texas Instruments LP85571 Datasheet HTML 40Page - Texas Instruments LP85571 Datasheet HTML 41Page - Texas Instruments LP85571 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
10 Power Supply Recommendations
The device is designed to operate from an input voltage supply range from 2.7 V and 5.5 V. This input supply
should be well regulated and able to withstand maximum input current and maintain stable voltage without
voltage drop even at load transition condition (start-up or rapid brightness change). The resistance of the input
supply rail should be low enough that the input current transient does not cause drop high enough in the LP8557
supply voltage that can cause false UVLO fault triggering.
If the input supply is located more than a few inches from the LP8557 additional bulk capacitance may be
required in addition to the ceramic bypass capacitors. Depending on device EPROM configuration and usage
case the boost converter is configured to operate optimally with certain input voltage range. Examples are seen
in the Detailed Design Procedure. In uncertain cases, TI recommends contacting a TI sales representative for
confirmation of the compatibility of the use case, EPROM configuration, and input voltage range.
11 Layout
11.1 Layout Guidelines
Figure 50 shows an example layout which applies the required proper layout guidelines to be used as a guide for
laying out the LP8557 circuit.
Table 12. Application Circuit Component List
CURRENT/VOLTAGE
COMPONENT
MANUFACTURER
VALUE
PART NUMBER
SIZE (mm)
RATING, RESISTANCE,
TEMPERATURE
L
Cyntec
10 µH
PIME051E
5.4 × 5.2 × 1.5
2 A, 0.153
Ω
0603
COUT
Murata
4.7 µF (×2)
GRM188R6YA475KE15D
35 V, X5R
(1.6 × 0.8 × 0.8)
0603
CIN
TDK
10 µF
C1608X5R1A106M080AC
10 V, X5R
(1.6 × 0.8 × 0.8)
SOD-123
Diode
Rohm Semiconductor
Schottky
RB160M-40
VR = 40 V, VF = 0.5 V
(3.5 × 1.6 × 0.8)
The following guidelines apply to both LP8557 and LP8557I.
The LP8557 inductive boost converter sees a high switched voltage at the SW pin, and a step current through
the Schottky diode and output capacitor each switching cycle. The high switching voltage can create interference
into nearby nodes due to electric field coupling (I = C × dV/dt). The large step current through the diode and the
output capacitor can cause a large voltage spike at the SW and FB pins due to parasitic inductance in the step
current conducting path (V = L × di/dt). Board layout guidelines are geared towards minimizing this electric field
coupling and conducted noise. Figure 48 highlights these two noise-generating components.
38
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com