Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61344_PEAX Datasheet(PDF) 2 Page - VAT Group AG

Part # 61344_PEAX
Description  Series 613, DN 25 - 320 mm (I.D. 1" - 12")
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

61344_PEAX Datasheet(HTML) 2 Page - VAT Group AG

  61344_PEAX Datasheet HTML 1Page - VAT Group AG 61344_PEAX Datasheet HTML 2Page - VAT Group AG 61344_PEAX Datasheet HTML 3Page - VAT Group AG 61344_PEAX Datasheet HTML 4Page - VAT Group AG 61344_PEAX Datasheet HTML 5Page - VAT Group AG 61344_PEAX Datasheet HTML 6Page - VAT Group AG 61344_PEAX Datasheet HTML 7Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
PRODUCT DATA SHEET
Series 613, DN 25 - 320 mm (I.D. 1" - 12")
Ordering No. 613..-….-….
Editor:
Date: 2022-09-13
Page 2 of 7
Replaced by:
Replacement for:
909244ED.DOCX
Modification No.
Modification No.
2
Technical data
2.1
Valve unit
Pressure range at 20
°C (unheated on delivery)
- Aluminum
(613 . . - . A. . - . . . . )
1 × 10E-8 mbar to 1.2 bar (abs)
- Aluminum hard anodized (613 . . - . H. . - . . . . )
1 × 10E-6 mbar to 1.2 bar (abs)
- Aluminum nickel coated
(613 . . - . I. . - . . . . )
1 × 10E-8 mbar to 1.2 bar (abs)
- Stainless steel
(613 . . - . E. . - . . . . )
1 × 10E-8 mbar to 1.2 bar (abs)
Leak valve body, valve seat at 20
°C (unheated on delivery)
- Aluminum
(613 . . - . A. . - . . . . )
1 × 10E-9 mbar ls-1
- Aluminum hard anodized (613 . . - . H. . - . . . . )
1 × 10E-5 mbar ls-1
- Aluminum nickel coated
(613 . . - . I. . - . . . . )
1 × 10E-9 mbar ls-1
- Stainless steel
(613 . . - . E. . - . . . . )
1 × 10E-9 mbar ls-1
Cycles until first service (unheated and under clean conditions)
2’000’000
Admissible operating temperature
•
Valve body
•
Ambient
while temperature of valve body and valve plate
should be kept on about same level
10°C to 150°C
≤ 150°C
Mounting position
any (DN63…250)
Control unit for ISO-KF version needs support when
mounted on horizontal piping and control unit does not
hang. (DN25…50)
Process side materials
body / plate
Aluminum - EN AW-6082 (3.2315) (A, H, I)
Stainless steel: AISI 316L (1.4404 or 1.4435) (E)
shaft / plate screws
Stainless steel: AISI 316L (1.4404 or 1.4435)
shaft bearing
Iglidur® X
Seals
rotary feed through
FKM (e.g. Viton®)
DN (nominal I. D.)
[mm]
25
1
40
1½"
50
2"
63
2½
80
3"
100
4"
160
6"
200
8"
250
10"
320
12"
[inch]
Max. differential pressure
on plate (close position)
[mbar]
1000 1000 1000 1000 1000
800
300
150
100
75
Typical closing or
opening time
Aluminum [ms]
90
90
90
90
90
90
110
140
180
290
Steel
[ms]
90
90
90
90
90
110
140
180
290
na
Min. controllable conductance
[ls-1]
(N2 molecular flow)
0.15
0.25
0.3
0.45
0.65
0.85
1.70
2.80
5
6
Max. conductance
[ls-1]
(N2 molecular flow)
22
80
150
360
850
1‘400
3‘800
7‘800
15‘000 27‘000
Weight (approx.)
Aluminum valve
Aluminum [kg]
2.2
2.3
2.6
2.8
3.0
3.2
4.4
4.9
5.9
10.6
Aluminum [lbs]
4.9
5.1
5.8
6.2
6.7
7.1
9.8
10.9
13.0
23.5
Weight (approx.)
Stainless steel valve
Steel
[kg]
2.7
2.8
3.2
4.3
4.9
5.2
7.4
10.2
12.5
n.a
Steel
[lbs]
6.0
6.2
7.1
9.5
10.9
11.5
16.4
22.6
27.6
n.a



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com