Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61344_PEAX Datasheet(PDF) 4 Page - VAT Group AG

Part # 61344_PEAX
Description  Series 613, DN 25 - 320 mm (I.D. 1" - 12")
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

61344_PEAX Datasheet(HTML) 4 Page - VAT Group AG

  61344_PEAX Datasheet HTML 1Page - VAT Group AG 61344_PEAX Datasheet HTML 2Page - VAT Group AG 61344_PEAX Datasheet HTML 3Page - VAT Group AG 61344_PEAX Datasheet HTML 4Page - VAT Group AG 61344_PEAX Datasheet HTML 5Page - VAT Group AG 61344_PEAX Datasheet HTML 6Page - VAT Group AG 61344_PEAX Datasheet HTML 7Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
PRODUCT DATA SHEET
Series 613, DN 25 - 320 mm (I.D. 1" - 12")
Ordering No. 613..-….-….
Editor:
Date: 2022-09-13
Page 4 of 7
Replaced by:
Replacement for:
909244ED.DOCX
Modification No.
Modification No.
2.3
Interface
2.3.1 Power Connector
Connector
D-Sub, DA-15, male
Digital inputs
input 1
input 2
interlock open
(adjustable with CPA 4.0)
interlock close
(adjustable with CPA 4.0)
voltage control
contact control
12 … 24V / 4 … 8 mA
24V / 8 mA
Digital outputs
output 1
output 2
valve closed
(adjustable with CPA 4.0)
valve opened
(adjustable with CPA 4.0)
load
max. 70 V / 0.1 A
2.3.2 EtherCAT
Connector
2 x RJ45, 8-pin (socket), IN and OUT
Communication
protocol
Protocol specialized for EtherCAT
node address
Explicit device identification or station alias, set by
switches
physical layer
100BASE-Tx (IEEE 802.3)
Cable
shielded Ethernet CAT5e or higher
2.3.3 DeviceNet
Connector
microstyle, 5-pin, male
Communication
protocol
DeviceNet, group 2 slave only
data rate
125, 250, 500 kbaud
by switch or network programmable
MAC ID
address 00 - 63
by switch or network programmable
profiles
Generic “C” default,
Process Control Device (ODVA)
Supply voltage
transceiver at microstyle
connector
24 Vnom, 11 … 25V; max. 0.5 W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com